Electronic Components Datasheet Search
  English  ▼

X  

4530 Datasheet(PDF) 3 Page - Moxa Inc.

Part # 4530
Description  Advanced modular controller with built-in serial port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

4530 Datasheet(HTML) 3 Page - Moxa Inc.

  4530 Datasheet HTML 1Page - Moxa Inc. 4530 Datasheet HTML 2Page - Moxa Inc. 4530 Datasheet HTML 3Page - Moxa Inc. 4530 Datasheet HTML 4Page - Moxa Inc. 4530 Datasheet HTML 5Page - Moxa Inc. 4530 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.moxa.com
3
Serial Interface
Console Port
RS-232 (TxD, RxD, GND), 3-pin (115200, n, 8, 1)
No. of Ports
1 x RS-232/422 or 2 x RS-485-2w
Connector
Spring-type Euroblock terminal
Serial Standards
RS-232/422/485 (software selectable)
Baudrate
1200 bps to 115.2 kbps
Flow Control
RTS/CTS
Parity
None, Even, Odd
Stop Bits
1, 2
Data Bits
7, 8
Serial Signals
RS-232
TxD, RxD, RTS, CTS, GND
RS-422
Tx+, Tx-, Rx+, Rx-, GND
RS-485-2w
Data+, Data-, GND
System Power Parameters
Power Connector
Spring-type Euroblock terminal
No. of Power Inputs
1
Input Voltage
12 to 48 VDC
Power Consumption
1940 mA @ 12 VDC
Over-Current Protection
3 A @ 25°C
Over-Voltage Protection
55 VDC
Output Current
1 A (max.)
Field Power Parameters
Power Connector
Spring-type Euroblock terminal
No. of Power Inputs
1
Input Voltage
12/24 VDC
Over-Current Protection
5 A @ 25°C
Over-Voltage Protection
33 VDC
Output Current
2 A (max.)
Physical Characteristics
Wiring
Serial cable, 16 to 28 AWG
Power cable, 12 to 26 AWG
Strip Length
Serial cable, 9 to 10 mm
Power cable, 12 to 13 mm
Housing
Plastic
Dimensions
60.3 x 99 x 75 mm (2.37 x 3.9 x 2.96 in)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com