Electronic Components Datasheet Search
  English  ▼

X  

4530 Datasheet(PDF) 6 Page - Moxa Inc.

Part # 4530
Description  Advanced modular controller with built-in serial port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

4530 Datasheet(HTML) 6 Page - Moxa Inc.

  4530 Datasheet HTML 1Page - Moxa Inc. 4530 Datasheet HTML 2Page - Moxa Inc. 4530 Datasheet HTML 3Page - Moxa Inc. 4530 Datasheet HTML 4Page - Moxa Inc. 4530 Datasheet HTML 5Page - Moxa Inc. 4530 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.moxa.com
6
Ordering Information
Model Name
Language
Ethernet Interface
Serial Interface
No. of Support I/O
Modules
Operating Temp.
ioThinx 4533-LX
C/C++, Python
2 x RJ45
RS-232/RS-422/RS-485
64
-20 to 60°C
ioThinx 4533-LX-T
C/C++, Python
2 x RJ45
RS-232/RS-422/RS-485
64
-40 to 75°C
Accessories (sold separately)
I/O Modules
45MR-1600
Module for the ioThinx 4500 Series, 16 DIs, 24 VDC, PNP, -20 to 60°C operating temperature
45MR-1600-T
Module for the ioThinx 4500 Series, 16 DIs, 24 VDC, PNP, -40 to 75°C operating temperature
45MR-1601
Module for the ioThinx 4500 Series, 16 DIs, 24 VDC, NPN, -20 to 60°C operating temperature
45MR-1601-T
Module for the ioThinx 4500 Series, 16 DIs, 24 VDC, NPN, -40 to 75°C operating temperature
45MR-2404
Module for the ioThinx 4500 Series, 4 relays, form A, -20 to 60°C operating temperature
45MR-2404-T
Module for the ioThinx 4500 Series, 4 relays, form A, -40 to 75°C operating temperature
45MR-2600
Module for the ioThinx 4500 Series, 16 DOs, 24 VDC, sink, -20 to 60°C operating temperature
45MR-2600-T
Module for the ioThinx 4500 Series, 16 DOs, 24 VDC, sink, -40 to 75°C operating temperature
45MR-2601
Module for the ioThinx 4500 Series, 16 DOs, 24 VDC, source, -20 to 60°C operating temperature
45MR-2601-T
Module for the ioThinx 4500 Series, 16 DOs, 24 VDC, source, -40 to 75°C operating temperature
45MR-2606
Module for the ioThinx 4500 Series, 8 DIs, 24 VDC, PNP, 8 DOs, 24 VDC, source, -20 to 60°C operating
temperature
45MR-2606-T
Module for the ioThinx 4500 Series, 8 DIs, 24 VDC, PNP, 8 DOs, 24 VDC, source, -40 to 75°C operating
temperature
45MR-3800
Module for the ioThinx 4500 Series, 8 AIs, 0 to 20 mA or 4 to 20 mA, -20 to 60°C operating temperature
45MR-3800-T
Module for the ioThinx 4500 Series, 8 AIs, 0 to 20 mA or 4 to 20 mA, -40 to 75°C operating temperature
45MR-3810
Module for the ioThinx 4500 Series, 8 AIs, -10 to 10 V or 0 to 10 V, -20 to 60°C operating temperature
45MR-3810-T
Module for the ioThinx 4500 Series, 8 AIs, -10 to 10 V or 0 to 10 V, -40 to 75°C operating temperature
45MR-4420
Module for the ioThinx 4500 Series, 4 AOs, 0 to 10 V or 0 to 20 mA or 4 to 20 mA, -20 to 60°C operating
temperature
45MR-4420-T
Module for the ioThinx 4500 Series, 4 AOs, 0 to 10 V or 0 to 20 mA or 4 to 20 mA, -40 to 75°C operating
temperature
45MR-6600
Module for the ioThinx 4500 Series, 6 RTDs, -20 to 60°C operating temperature
45MR-6600-T
Module for the ioThinx 4500 Series, 6 RTDs, -40 to 75°C operating temperature
45MR-6810
Module for the ioThinx 4500 Series, 8 TCs, -20 to 60°C operating temperature
45MR-6810-T
Module for the ioThinx 4500 Series, 8 TCs, -40 to 75°C operating temperature
Power Modules
45MR-7210
Module for the ioThinx 4500 Series, system and field power inputs, -20 to 60°C operating temperature
45MR-7210-T
Module for the ioThinx 4500 Series, system and field power inputs, -40 to 75°C operating temperature
45MR-7820
Module for the ioThinx 4500 Series, potential distributor module, -20 to 60°C operating temperature
45MR-7820-T
Module for the ioThinx 4500 Series, potential distributor module, -40 to 75°C operating temperature
© Moxa Inc. All rights reserved. Updated Dec 03, 2019.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com