Electronic Components Datasheet Search
  English  ▼

X  

PR5401 Datasheet(PDF) 1 Page - PREMA Semiconductor.

Part # PR5401
Description  Two differential pairs of photodiodes with amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5401 Datasheet(HTML) 1 Page - PREMA Semiconductor.

  PR5401 Datasheet HTML 1Page - PREMA Semiconductor. PR5401 Datasheet HTML 2Page - PREMA Semiconductor. PR5401 Datasheet HTML 3Page - PREMA Semiconductor. PR5401 Datasheet HTML 4Page - PREMA Semiconductor. PR5401 Datasheet HTML 5Page - PREMA Semiconductor. PR5401 Datasheet HTML 6Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Four Quadrant Photodiode
PR5401
Two differential pairs of photodiodes with amplifiers
PR5401 consists of two pairs of photodiodes
placed in opposite quadrants with diffferential
amplifiers. If illuminated uniformly, the output is
Vcc/2, but depends on the balance of illumin-
ation on each pair.
APPLICATIONS
•
Light beam alignment
•
2D optical tracking
•
tilt sensor
BLOCK DIAGRAM
Light orange: A photodiodes; light blue: B photodiodes
PACKAGES
The PR5401 is offered as bare die or in a tiny optical DFN package.
a) IC as bare die – PR5401-BD
Die size: 2,500 µm x 900 µm
b) In optical DFN package - PR5401-TM
© PREMA Semiconductor GmbH 2017 I rev. 1742 -- PRELIMINARY DATASHEET --
Page 1/6


Similar Part No. - PR5401

ManufacturerPart #DatasheetDescription
logo
PREMA Semiconductor.
PR5460 PREMA-PR5460 Datasheet
1Mb / 4P
Four photodiodes with current output
PR5471 PREMA-PR5471 Datasheet
951Kb / 5P
4-Quadrant Photodiodes with Voltage Output
PR5472 PREMA-PR5472 Datasheet
951Kb / 5P
4-Quadrant Photodiodes with Voltage Output
PR5473 PREMA-PR5473 Datasheet
951Kb / 5P
4-Quadrant Photodiodes with Voltage Output
More results

Similar Description - PR5401

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB202 ICST-ICS9DB202 Datasheet
263Kb / 11P
Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
REV. A OCTOBER 6, 2004
logo
Integrated Device Techn...
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
Two selectable differential clock input pairs
ICS813N252I-09 IDT-ICS813N252I-09 Datasheet
380Kb / 23P
Two LVPECL output pairs
853S111B IDT-853S111B Datasheet
342Kb / 25P
Two selectable differential input pairs
8735BI-01 IDT-8735BI-01 Datasheet
413Kb / 21P
Selectable differential input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
Two selectable differential input pairs
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
Two selectable differential clock input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
Two differential reference clock input pairs
logo
AAEON Technology
NIM-C13A AAEON-NIM-C13A Datasheet
117Kb / 1P
supports two pairs bypass function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com