Electronic Components Datasheet Search
  English  ▼

X  

PR5401 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR5401
Description  Two differential pairs of photodiodes with amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5401 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR5401 Datasheet HTML 1Page - PREMA Semiconductor. PR5401 Datasheet HTML 2Page - PREMA Semiconductor. PR5401 Datasheet HTML 3Page - PREMA Semiconductor. PR5401 Datasheet HTML 4Page - PREMA Semiconductor. PR5401 Datasheet HTML 5Page - PREMA Semiconductor. PR5401 Datasheet HTML 6Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Four Quadrant Photodiode
PR5401
ODFN-4L 1.8mm x 2.9mm package.
Application Circuit
The output is usually connected to a power amplifier or an analog-digital converter.
Electrical Characteristics
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Typ
Max
Units
VCC (supply voltage)
-0.3
8
V
VPIN (voltage @ other pins)
-0.3
VCC+0.3
V
Operating Temperature
PR5401-BD
PR5401-TM
-40
-40
85
85
°C
°C
Storage Temperature Range
PR5401-BD
PR5401-TM
-55
-40
125
100
°C
°C
TJ (Junction Temperature)
PR5401-BD
PR5401-TM
-40
-40
85
85
°C
°C
Electrostatic Discharge (ESD) Protection @ all pins
HBM
4
kV
© PREMA Semiconductor GmbH 2017 I rev. 1742 -- PRELIMINARY DATASHEET --
Page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com