Electronic Components Datasheet Search
  English  ▼

X  

OPA387 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387
Description  OPA2387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA387 Datasheet HTML 9Page - Texas Instruments OPA387 Datasheet HTML 10Page - Texas Instruments OPA387 Datasheet HTML 11Page - Texas Instruments OPA387 Datasheet HTML 12Page - Texas Instruments OPA387 Datasheet HTML 13Page - Texas Instruments OPA387 Datasheet HTML 14Page - Texas Instruments OPA387 Datasheet HTML 15Page - Texas Instruments OPA387 Datasheet HTML 16Page - Texas Instruments OPA387 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
8.2.1.1 Design Requirements
This solution has the following requirements:
• Supply voltage: 3.3 V
• Input: –1 A to +1 A
• Output: 1.65 V ±1.54 V (110 mV to 3.19 V)
8.2.1.2 Detailed Design Procedure
The load current, I LOAD, flows through the shunt resistor, RSHUNT, to develop the shunt voltage, VSHUNT. The
shunt voltage is then amplified by the difference amplifier consisting of U1A and R1 through R4. The gain of the
difference amplifier is set by the ratio of R4 to R3. To minimize errors, set R2 = R4 and R1 = R3. The reference
voltage, VREF, is supplied by buffering a resistor divider using U1B. The transfer function is given by Equation 1.
V
= V
Gain
+ V
OUT
SHUNT
Diff_Amp
REF
´
(1)
where
• V
= I
R
SHUNT
LOAD
´
SHUNT
•
Gain
=
Diff_Amp
R
R
4
3
•
V
= V
REF
CC
´
R
R
R
6
5
6
+
There are two types of errors in this design: gain and offset. Gain errors are introduced by the tolerance of the
shunt resistor and the ratios of R 4 to R3 and, similarly, R2 to R1. Offset errors are introduced by the voltage
divider (R5 and R6) and how closely the ratio of R4 / R3 matches R2 / R1. The latter value affects the CMRR of
the difference amplifier, ultimately translating to an offset error.
The value of VSHUNT is the ground potential for the system load because VSHUNT is a low-side measurement.
Therefore, a maximum value must be placed on VSHUNT. In this design, the maximum value for VSHUNT is set to
100 mV. Equation 2 calculates the maximum value of the shunt resistor given a maximum shunt voltage of
100 mV and maximum load current of 1 A.
R
=
SHUNT(Max)
=
= 100 mW
V
I
SHUNT(Max)
LOAD(Max)
100 mV
1 A
(2)
The tolerance of RSHUNT is directly proportional to cost. For this design, a shunt resistor with a tolerance of 0.5%
was selected. If greater accuracy is required, select a 0.1% resistor or better.
The load current is bidirectional; therefore, the shunt voltage range is –100 mV to +100 mV. This voltage is
divided down by R1 and R2 before reaching the operational amplifier, U1A. Make sure that the voltage present at
the noninverting node of U1A is within the common-mode range of the device. Therefore, use an operational
amplifier, such as the OPA387, that has a common-mode range that extends below the negative supply voltage.
The offset error is minimal because the OPA387 has a typical offset voltage of merely ±0.25 µV (±5 µV,
maximum).
Given a symmetric load current of –1 A to +1 A, the voltage divider resistors, R5 and R6, must be equal. To be
consistent with the shunt resistor, a tolerance of 0.5% is selected. To minimize power consumption, 10
‑kΩ
resistors are used.
To set the gain of the difference amplifier, the common-mode range and output swing of the OPA387 must be
considered. Equation 3 and Equation 4 depict the typical common-mode range and maximum output swing,
respectively, of the OPA387 given a 3.3
‑V supply.
–100 mV < VCM < 3.4 V
(3)
www.ti.com
OPA2387
SBOS984 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com