Electronic Components Datasheet Search
  English  ▼

X  

OPA387 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387
Description  OPA2387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387 Datasheet(HTML) 3 Page - Texas Instruments

  OPA387 Datasheet HTML 1Page - Texas Instruments OPA387 Datasheet HTML 2Page - Texas Instruments OPA387 Datasheet HTML 3Page - Texas Instruments OPA387 Datasheet HTML 4Page - Texas Instruments OPA387 Datasheet HTML 5Page - Texas Instruments OPA387 Datasheet HTML 6Page - Texas Instruments OPA387 Datasheet HTML 7Page - Texas Instruments OPA387 Datasheet HTML 8Page - Texas Instruments OPA387 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
5 Pin Configuration and Functions
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-1. DGK Package, 8-Pin VSSOP, Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN A
3
I
Noninverting input, channel A
+IN B
5
I
Noninverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
—
Negative (lowest) power supply
V+
8
—
Positive (highest) power supply
www.ti.com
OPA2387
SBOS984 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com