Electronic Components Datasheet Search
  English  ▼

X  

CS91 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 5 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CS91 Series
5
■ RECOMMENDED OPERATING CONDITIONS
• Single power supply (VDD
= 1.2 V ± 0.1 V)
• Dual power supply (VDDE
= 3.3 V ± 0.3 V, VDDI = 1.2 V ± 0.1 V)
• Dual power supply (VDDE
= 2.5 V ± 0.2 V, VDDI = 1.2 V ± 0.1 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device
is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
VDD
1.1
1.2
1.3
V
“H” level input voltage
VIH
VDD
× 0.7
⎯
VDD
+ 0.3
V
“L” level input voltage
VIL
−0.3
⎯
VDD
× 0.3
V
Junction temperature
Tj
−40
⎯+125
°C
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
3.3 V supply voltage
VDDE
3.0
3.3
3.6
V
1.2 V supply voltage
VDDI
1.1
1.2
1.3
V
“H” level input voltage
3.3 V CMOS level
VIH
2.0
⎯
VDDE
+ 0.3
V
1.2 V CMOS level
VDDI
× 0.7
⎯
VDDI
+ 0.3
V
“L” level input voltage
3.3 V CMOS level
VIL
−0.3
⎯+0.8
V
1.2 V CMOS level
−0.3
⎯
VDDI
× 0.3
V
Junction temperature
Tj
−40
⎯+125
°C
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage
2.5 V supply voltage
VDDE
2.3
2.5
2.7
V
1.2 V supply voltage
VDDI
1.1
1.2
1.3
V
“H” level input voltage
2.5 V CMOS level
VIH
1.7
⎯
VDDE
+ 0.3
V
1.2 V CMOS level
VDDI
× 0.7
⎯
VDDI
+ 0.3
V
“L” level input voltage
2.5 V CMOS level
VIL
−0.3
⎯+0.7
V
1.2 V CMOS level
−0.3
⎯
VDDI
× 0.3
V
Junction temperature
Tj
−40
⎯+125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com