Electronic Components Datasheet Search
  English  ▼

X  

CS91 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # CS91
Description  Standard cell array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS91 Datasheet(HTML) 8 Page - fujitsu semiconductor

  CS91 Datasheet HTML 1Page - fujitsu semiconductor CS91 Datasheet HTML 2Page - fujitsu semiconductor CS91 Datasheet HTML 3Page - fujitsu semiconductor CS91 Datasheet HTML 4Page - fujitsu semiconductor CS91 Datasheet HTML 5Page - fujitsu semiconductor CS91 Datasheet HTML 6Page - fujitsu semiconductor CS91 Datasheet HTML 7Page - fujitsu semiconductor CS91 Datasheet HTML 8Page - fujitsu semiconductor CS91 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CS91 Series
8
■ INPUT/OUTPUT PIN CAPACITANCE
(f
= 1 MHz, VDD = VDI = 0 V, Tj = +25 °C)
Note : Capacitance values according to the package and the location of the pin.
■ DESIGN METHOD
Fujitsu’s Reference Design Flow provides the following functions that shorten the development time of large
scale and high quality LSIs.
• High reliability design estimation in the early stage of physical design realized by physical prototyping.
• Layout synthesis with optimized timing realized by physical synthesis tools.
• High accuracy design environment considering drop in power supply voltage, signal noise, delay penalty, and
crosstalk.
• I/O design environment (power line design, assignment and selection of I/Os, package selection) considering
noise.
■ PACKAGES
A variety of package types
Development of chips with narrow-pitch solder bump technology and high-pin count packages enables users to
respond to the high-pin count, high-speed requirements of the network market. A variety of packages from
existing series are also available for smooth transition from previously developed models.
Contact your FUJITSU representative for availability dates.
FCBGA package : maximum 2116 pins
EBGA package
: maximum 672 pins
FBGA package
: maximum 304 pins
QFP package
: maximum 304 pins
Parameter
Symbol
Value
Unit
Input pin
CIN
16 Max
pF
Output pin
COUT
16 Max
pF
Input/output pin
CI/O
16 Max
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com