Electronic Components Datasheet Search
  English  ▼

X  

DM8108 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM8108
Description  8 port 10/100M Fast Ethernet Switching Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM8108 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM8108 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DM8108
8 port 10/100M Fast Ethernet Switching Controller
Preliminary
19
Version: DM8108-DS-P02
November 25, 1999
MII Management
MII Management Registers Serial Access
The MII specification defines a set of 32 16-
bit status and control registers that are
addressable through the serial data interface
pins MDCLK and MDIO. Please refer to a
PHY device’s spec for the definition
of the registers.
The DM8108 will initialize MII management
registers accessing after RESET. In EDO
memory configuration mode, the DM8108
acts as Serial MII initiator.
In SDRAM
memory configuration, only the DM8108
whose device # equals to 0 is the initiator.
Other devices cascaded will be the listener to
extract the auto-negotiation information from
MID stream.
MDCLK has a maximum clock rate of 2.5MHz.
The MDIO line is bi-directional and may be
shared by up to 32 devices. The protocol and
the access waveform are shown below:
MDCLK
z
z
MDIO
(DM8108)
z
z
MDIO
(PHY)
z
0
1
1
0
0
1
1 0
0
0 0
0
0 0
z 0
0
0
1
1
0
0
0
1
0
0 0
0
0 0
0
0
z
adle
start
op code
PHY address
Register address
TR
Register
Data
Figure
Typical MDIO Read Operation
MDCLK
MDIO
z
(DM8108)
z
0
1
0
1
0
1 1
0
0
0
0 0 0 0
1
0
0
0
0
0
0
z
idle
start
op code
PHY address
Register address
TR
Write Data
Figure
Typical MDIO Write Operation
Protocol
<idle><start><op code><device address><register addr.><Turnaround>< data
><idle>
Read Operation
< z
>< 01
><
10
><
xxxxx
><
xxxxx
><
z0
><xxxxh><idle>
Write Operation
< z
>< 01
><
01
><
xxxxx
><
xxxxx
><
10
><xxxxh><idle>
Table
MII Management Serial Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com