Electronic Components Datasheet Search
  English  ▼

X  

DM8108 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM8108
Description  8 port 10/100M Fast Ethernet Switching Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM8108 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM8108 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
DM8108
8 port 10/100M Fast Ethernet Switching Controller
2
Preliminary
Version: DM8108-DS-P02
November 25, 1999
Features
T Low cost Fast Ethernet Switching Controller.
O Provide packet switching functions between
eight
10/100Mbps, auto-negotiated on-chip Fast
Ethernet ports and a proprietary Full-duplex
Expansion port.
O Cascade max. 8 DM8108s without extra glue
logic for 64-port configuration.
T Incorporates three 802.3 compliant 10/100Mbps
Media Access Controllers
O Direct interface to MII (Media Independent
Interface)
O Half/Full Duplex Support for individual port (up-
to
200Mbps/port)
O IEEE 802.3 100Base-TX, T4.FX compatible
T Auto-negotiation supported through Serial MII
interface
T High-performance Distributed Switching Engine
O Performs packet forwarding and filtering at full
wire-speed
O 148,800 packets/sec. on each Ethernet port
T Direct support for packet buffering
O Glue-less interface with 1 or 2 Mbytes of SDRAM
(SGRAM)
O 32 bit memory bus configuration
O 66 Mhz – 90Mhz memory bus speed
O Up-to 1.1K buffers, 1536-byte each, allocated to
receive ports
T Support Store and Forward switching approach
O Low last-bit to first-bit out delay
O Allow mixed speed Ethernet packet switching
O Allow conversion between different protocols
T Flow control
O Support partitioning function
O Support back-pressure while lack of internal
resources
O Support 802.3x PAUSE function in full duplex
mode
O Support up to 4-port trunking for 800Mbps
bandwidth
T Advanced Address Learning and Searching
O Self learning mechanism
O Cache 128 address entries internally
O Record up-to 16K Uni-cast MAC addresses and
unlimited Multicast and Broadcast addresses
O Automatic aging scheme
O Broadcast filtering rate control
T Expansion Bus
O Up-to 8 SW devices can be cascaded via
expansion bus without extra logic
O Full duplex mode transfer
O Less Bus overhead
O Automatic flow control
T Complete status report to a simple LED interface
T Suitable for low cost Switch market to replace
Hub
T 0.35 m process, 3.3V with 5V tolerant I/O
T 208-pin PQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com