Electronic Components Datasheet Search
  English  ▼

X  

HCF4006B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4006B
Description  18-STAGE STATIC SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4006B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4006B Datasheet HTML 1Page - STMicroelectronics HCF4006B Datasheet HTML 2Page - STMicroelectronics HCF4006B Datasheet HTML 3Page - STMicroelectronics HCF4006B Datasheet HTML 4Page - STMicroelectronics HCF4006B Datasheet HTML 5Page - STMicroelectronics HCF4006B Datasheet HTML 6Page - STMicroelectronics HCF4006B Datasheet HTML 7Page - STMicroelectronics HCF4006B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
PERMANENT REGISTER STORAGE WITH
CLOCK LINE "HIGH" OR "LOW" ... NO
INFORMATION RECIRCULATION
REQUIRED
s
FULLY STATIC OPERATION
s
SHIFTING RATES UP TO
12MHzat 10V (Typ.)
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4006B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4006B is comprised of 4 separate "shift
register" sections; two sections of four stages and
two sections of five stages with an output tap at
the fourth stage. Each section has an independent
"single rail" data path. A common clock signal is
used for all stages. Data is shifted to the next
stage on negative going transitions of the clock.
Through appropriate connections of inputs and
outputs, multiple register sections of 4, 5, 8 and 9
stages or single register sections of 10, 12, 13, 14,
16, 17 and 18 can be implemented using one
HCF4006B
package.
Longer
shift
register
sections can be assembled by using more than
one HCF4006B. To facilitate cascading stages
when clock rise and fall times are slow, an optional
output
(D1+4’)
that
is
delayed
one-half
clock-cycle, is provided (see truth table for output
from pin 2)
HCF4006B
18-STAGE STATIC SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4006BEY
SOP
HCF4006BM1
HCF4006M013TR
DIP
SOP


Similar Part No. - HCF4006B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
HCF4006BC1 STMICROELECTRONICS-HCF4006BC1 Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
HCF4006BEY STMICROELECTRONICS-HCF4006BEY Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
HCF4006BM1 STMICROELECTRONICS-HCF4006BM1 Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
More results

Similar Description - HCF4006B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
18-stage static shift register
January 1995
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
CMOS 18-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4006BC NSC-CD4006BC Datasheet
112Kb / 6P
18-Stage Static Shift Register
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
8-Stage Static Shift Register
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
8-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
鬼MOS 18-Stage Static Shift Register
logo
Texas Instruments
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com