Electronic Components Datasheet Search
  English  ▼

X  

HCF4006B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4006B
Description  18-STAGE STATIC SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4006B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4006B Datasheet HTML 1Page - STMicroelectronics HCF4006B Datasheet HTML 2Page - STMicroelectronics HCF4006B Datasheet HTML 3Page - STMicroelectronics HCF4006B Datasheet HTML 4Page - STMicroelectronics HCF4006B Datasheet HTML 5Page - STMicroelectronics HCF4006B Datasheet HTML 6Page - STMicroelectronics HCF4006B Datasheet HTML 7Page - STMicroelectronics HCF4006B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HCF4006B
5/8
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
5
200
ns
10
100
15
80
tTLH tTHL Output Transition Time
5
100
ns
10
50
15
40
tW
Clock Pulse Width
5
100
ns
10
45
15
30
tr, tf
Clock Input Rise or Fall
Time*
515
µs
10
15
15
15
tsetup
Data Setup Time
5
50
ns
10
25
15
20
fMAX
Maximum Clock Input
Frequency
55
MHz
10
12
15
16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com