Electronic Components Datasheet Search
  English  ▼

X  

IL66B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL66B
Description  Optocoupler, Photodarlington Output, With Internal RBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66B Datasheet(HTML) 1 Page - Vishay Siliconix

  IL66B Datasheet HTML 1Page - Vishay Siliconix IL66B Datasheet HTML 2Page - Vishay Siliconix IL66B Datasheet HTML 3Page - Vishay Siliconix IL66B Datasheet HTML 4Page - Vishay Siliconix IL66B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
IL66B
Document Number 83639
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179019
1
2
3
6
5
4
A
C
NC
NC
C
E
Pb
Pb-free
e3
Optocoupler, Photodarlington Output, With Internal RBE
Features
• Internal RBE for high stability
• Isolation test voltage, 5300 VRMS
• No base connection
• High isolation resistance
• Standard plastic DIP package
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• BSI IEC60950 IEC60065
• CSA 93751
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• FIMKO
Description
The IL66B is an optically coupled isolator employing
a gallium arsenide infrared emitter and a silicon pho-
todarlington detector. Switching can be accomplished
while maintaining a high degree of isolation between
driving and load circuits. They can be used to replace
reed and mercury relays with advantages of long life,
high speed switching and elimination of magnetic
fields.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL66B-1
CTR > 200 %, DIP-6
IL66B-2
CTR > 750 %, DIP-6
IL66B-1X006
CTR > 200 %, DIP-6 400 mil (option 6)
IL66B-2X006
CTR > 750 %, DIP-6 400 mil (option 6)
IL66B-2X009
CTR > 750 %, SMD-6 (option 9)
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VR
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 55 °C
1.33
mW/°C


Similar Part No. - IL66B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL66B-1 VISHAY-IL66B-1 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL66B-1X006 VISHAY-IL66B-1X006 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL66B-2 VISHAY-IL66B-2 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
More results

Similar Description - IL66B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66B VISHAY-IL66B_05 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
26-Oct-04
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
ILD766 VISHAY-ILD766 Datasheet
130Kb / 6P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
03-Aug-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com