Electronic Components Datasheet Search
  English  ▼

X  

IL66B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL66B
Description  Optocoupler, Photodarlington Output, With Internal RBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66B Datasheet(HTML) 3 Page - Vishay Siliconix

  IL66B Datasheet HTML 1Page - Vishay Siliconix IL66B Datasheet HTML 2Page - Vishay Siliconix IL66B Datasheet HTML 3Page - Vishay Siliconix IL66B Datasheet HTML 4Page - Vishay Siliconix IL66B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL66B
Document Number 83639
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-On, Turn-Off time
VCC = 10 V, IF = 2 mA,
RL = 100 Ω
ton, toff
200
µs
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
Figure 3. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
iil66b_01
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
Ta = –55°C
Ta = 25°C
Ta = 85°C
iil66b_02
10 0
10
1
.1
0.0
0.5
1.0
1.5
2.0
Vce=1V
Vce = 5 V
IF - LED Current - mA
Normalized to:
Vce = 5 V
IF=2mA
iil66b_03
0.0
0.2
0.4
0.6
0.8
1.0
1.2
.1
10
100
1000
Vce=5V
Vce=.4V
IF - LED Current - mA
Vce=5V
IF=10mA
Normalized to:
1
Figure 4. Non-Saturated and Saturated Collector Emitter Current
vs. LED Current
Figure 5. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 6. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
iil66b_04
.1
10
100
.001
.01
.1
1
10
100
1000
10000
Vce=5V
Vce=.4V
IF - LED Current - mA
1
iil66b_05
10
15
20
0
10
20
30
40
50
220
Ω
ı
10 K
Ω
ı
IF - LED Current - mA
Vcc=5V
Vth = 1.5 V
0
5
iil66b_06
10
15
20
0
25
50
75
100
125
150
220 K
Ω
2K
Ω
10 K
Ω
IF - LED Current - mA
Vcc = 5 V
Vth=1.5V
5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com