Electronic Components Datasheet Search
  English  ▼

X  

LM148QML Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148QML
Description  Quad 741 Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148QML Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM148QML Datasheet HTML 1Page - National Semiconductor (TI) LM148QML Datasheet HTML 2Page - National Semiconductor (TI) LM148QML Datasheet HTML 3Page - National Semiconductor (TI) LM148QML Datasheet HTML 4Page - National Semiconductor (TI) LM148QML Datasheet HTML 5Page - National Semiconductor (TI) LM148QML Datasheet HTML 6Page - National Semiconductor (TI) LM148QML Datasheet HTML 7Page - National Semiconductor (TI) LM148QML Datasheet HTML 8Page - National Semiconductor (TI) LM148QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
±22V
Differential Input Voltage
±44V
Output Short Circuit Duration(Note 2)
Continuous
Power Dissipation (P
d at 25˚C) (Note 3)
1100mW
Thermal Resistance
θ
JA
CERDIP (Still Air)
CERDIP (500LF/ Min Air flow)
LCC (Still Air)
LCC (500LF/ Min Air flow)
103˚C/W
52˚C/W
90˚C/W
66˚C/W
θ
JC
CERDIP
LCC
19˚C/W
21˚C/W
Maximum Junction Temperature (T
jMAX)
150˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Lead Temperature (Soldering, 10 sec.) Ceramic
300˚C
ESD tolerance (Note 4)
500V
Quality Conformance Inspection
MIL-STD-883, Method 5005 — Group A
Subgroup
Description
Temp ( ˚C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
Electrical Characteristics
DC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.) V
CC = ±15V, RS =0
Ω
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
V
IO
Input Offset Voltage
V
CM = 0V, RS =50
Ω
−5
+5
mV
1
−6
+6
mV
2,3
I
IO
Input Offset Current
V
CM = 0V
−25
+25
nA
1
−75
+75
nA
2,3
±I
IB
Input Bias Current
V
CM = 0V
1
100
nA
1
1
325
nA
2,3
R
in
Input Resistance
(Note 5)
0.8
M
Ω
1
PSRR+
Power Supply Rejection Ratio
+V
CC = +15V and +5V, −VCC =
−15V, R
S =50
Ω
77
dB
1, 2, 3
PSRR−
Power Supply Rejection Ratio
+V
CC = +15V, −VCC = −15V and
−5V, R
S =50
Ω
77
dB
1, 2, 3
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com