Electronic Components Datasheet Search
  English  ▼

X  

LM148QML Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148QML
Description  Quad 741 Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148QML Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM148QML Datasheet HTML 1Page - National Semiconductor (TI) LM148QML Datasheet HTML 2Page - National Semiconductor (TI) LM148QML Datasheet HTML 3Page - National Semiconductor (TI) LM148QML Datasheet HTML 4Page - National Semiconductor (TI) LM148QML Datasheet HTML 5Page - National Semiconductor (TI) LM148QML Datasheet HTML 6Page - National Semiconductor (TI) LM148QML Datasheet HTML 7Page - National Semiconductor (TI) LM148QML Datasheet HTML 8Page - National Semiconductor (TI) LM148QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (Continued)
DC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.) V
CC = ±15V, RS =0
Ω
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
CMRR
Common Mode Rejection Ratio +V
CM = ±12V, RS =50
Ω
70
dB
1, 2, 3
I
OS+
Short Circuit Current
−55
−14
mA
1
I
OS−
Short Circuit Current
14
55
mA
1
I
CC
Power Supply Current
0.4
3.6
mA
1
0.4
4.5
mA
2, 3
A
VS+
Large Signal Voltage Gain
V
OUT = 0V to +10V, RL > 2k
Ω
50
V/mV
4
25
V/mV
5, 6
A
VS−
Large Signal Voltage Gain
V
OUT = 0V to −10V, RL > 2k
Ω
50
V/mV
4
25
V/mV
5, 6
V
out+
Output Voltage Swing
R
L =10k
Ω
+12
V
4,5,6
R
L =2k
Ω
+10
V
4,5,6
V
out−
Output Voltage Swing
R
L =10k
Ω
−12
V
4,5,6
R
L =2k
Ω
−10
V
4,5,6
Electrical Characteristics
AC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.) V
CC = ±15V, AV =1,RS =
0
Ω
Symbol
Parameter
Conditions
Notes
Min Max
Units
Sub-
groups
±SR
Slew Rate
0.2
V/µs
7, 8A, 8B
G
BW
Gain Bandwidth Product
0.4
1.4
MHz
7, 8A, 8B
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: Any of the amplifier outputs can be shorted to ground indefinitely; however, more than one should not be simultaneously shorted as the maximum junction
temperature will be exceeded.
Note 3: The maximum power dissipation for these devices must be derated at elevated temperatures and is dicated by TJMAX, θJA, and the ambient temperature,
TA. The maximum available power dissipation at any temperature is Pd =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is less.
Note 4: Human body model, 1.5 k
Ω in series with 100 pF
Note 5: Parameter Guaranteed, Not Tested.
Cross Talk Test Circuit V
S = ±15V
20120506
20120507
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com