Electronic Components Datasheet Search
  English  ▼

X  

MINT2270 Datasheet(PDF) 3 Page - SL Power Electronics

Part # MINT2270
Description  Medical ??Universal Input Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT2270 Datasheet(HTML) 3 Page - SL Power Electronics

  MINT2270 Datasheet HTML 1Page - SL Power Electronics MINT2270 Datasheet HTML 2Page - SL Power Electronics MINT2270 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
INPUT, OUTPUT and SIGNAL CONNECTORS:
CON1
PIN 1) GND
PIN 2) AC NEUTRAL
PIN 3) AC LINE
CON2
PIN 1)
RTN
PIN 3)
24V
PIN 2)
RTN
PIN 4)
24V
CON3
PIN 1)
RTN
PIN 4)
DC-OK
PIN 2)
RTN
PIN 5)
AC-OK
PIN 3)
5V SB
PIN 6)
PS-ON
CON4
AMP 640456-2
PIN 1)
RTN
PIN 2)
24V for FAN
MATING CONNECTORS:
CON1, 2: Wire Lugs - Barrier width = 6.62mm
CON3: Landwin 2500S060, PINS: 2503T012P
CON4: AMP 1375820-2, PINS: 1375913-3
M3 Screw terminals, 7.62mm pitch
Landwin 2502P0600T
M3 Screw terminals, 7.62mm pitch
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 11/2/2010
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
MINT2270A
270W Dual Output Series
Medical – Universal Input Power Supply
2 Year Warranty
Outline Drawing & Connector Information
Output Power Derating Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com