Electronic Components Datasheet Search
  English  ▼

X  

MINT2270 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT2270
Description  Medical ??Universal Input Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT2270 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT2270 Datasheet HTML 1Page - SL Power Electronics MINT2270 Datasheet HTML 2Page - SL Power Electronics MINT2270 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
AC Input
100-240VAC +/- 10%, 47-63 Hz single phase.
Turn On Time
Less than 2 seconds under all rated load conditions.
Input Current
115VAC: 3.0A max.
Hold-up Time
16 ms at 270W, nominal input (120VAC).
Inrush Current
The inrush at 264VAC, at a cold start, will not exceed 45A.
Overvoltage Protection
See chart for levels, latching type
Input Fuse
T6.3A, 250VAC fuse provided on all models.
Overload Protection
Hiccup Mode
Power Factor
Complies with EN61000-3-2.
Short Circuit Protection
Hiccup Mode
Efficiency
90% typical.
Overtemperature Protection
Provided on all models, auto-recovery.
Output Power
270W continuous.
Medical Safety Standards
EN/IEC/UL 60601-1, CSA22.2, No. 60601.1
Ripple and Noise
1% pk-pk max., 20MHz BW, differential mode. Measured with noise
probe directly across output terminals.
Isolation
Input-Output: 4000VAC, Input-Ground: 1500VAC, Output-Ground:
707VDC
Output Voltages
See chart.
Earth Leakage Current
260µA typical at 264Vac, 50Hz.
Total Regulation
See chart.
Operating Temperature
0° to 70°C, refer to derating curve.
Minimum Load
Not required.
Storage Temperature
-40 to +85°C.
Transient Response
500µs max. for a 50% load step, with 5mSec high load and 5mSec low
load.
Relative Humidity
5% to 95%, non-condensing
Enclosure Dimensions & Weight
3.35”W x 7.17”L x 1.17”H. See outline drawing.
Weight: 550 grams
MTBF (Mean-Time-Between-Failure):
325,000 hours at 40°C operating ambient temperature.
MINT2270A
270W Dual Output Series
Medical – Universal Input Power Supply
2 Year Warranty
•
270W Convection Cooled AC-DC Power Supply
•
Up to 90% Efficiency Typical
•
Natural Interleaving Technology for PFC
•
LLC Technology for DC Converter
•
Remote ON/OFF by PS-ON Signal
•
Approved to EN/IEC/UL60601-1 for Medical
•
DC-OK, AC-OK Signal Active
•
Compliant (LVD, RoHS)
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - MINT2270

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT2270A SLPOWER-MINT2270A Datasheet
411Kb / 3P
270W Dual Output Series
MINT2270A1976E0X SLPOWER-MINT2270A1976E0X Datasheet
411Kb / 3P
270W Dual Output Series
More results

Similar Description - MINT2270

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
logo
SL Power Electronics
GNT30 SLPOWER-GNT30 Datasheet
377Kb / 2P
Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GNT200 SLPOWER-GNT200 Datasheet
463Kb / 3P
Universal Input Power Supply
GNT400 SLPOWER-GNT400 Datasheet
882Kb / 4P
Universal Input Medical & ITE Power Supply
GSM11 SLPOWER-GSM11 Datasheet
691Kb / 2P
Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
MINT1045 SLPOWER-MINT1045_15 Datasheet
520Kb / 3P
Medical & ITE ??Universal Input Power Supply
MINT1400 SLPOWER-MINT1400 Datasheet
400Kb / 3P
Universal Input Power Supply
MINT1110 SLPOWER-MINT1110 Datasheet
489Kb / 3P
Universal Input Power Supply
logo
Vishay Siliconix
AN708 VISHAY-AN708 Datasheet
105Kb / 7P
Low-Power Universal-Input Power Supply Achieves High Efficiency
logo
ETA-USA
AOBN-50 ETA-USA-AOBN-50 Datasheet
1Mb / 4P
50W Power Supply Universal Input PCB Mounted
2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com