Electronic Components Datasheet Search
  English  ▼

X  

ISF Datasheet(PDF) 3 Page - XP Power Limited

Part # ISF
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISF Datasheet(HTML) 3 Page - XP Power Limited

  ISF Datasheet HTML 1Page - XP Power Limited ISF Datasheet HTML 2Page - XP Power Limited ISF Datasheet HTML 3Page - XP Power Limited ISF Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISF Series
www.xppower.com
DC-DC Converter
3
Models & Ratings: Dual Output - Standard
Models & Ratings: Dual Output - Option’X’
Notes
1. All dimensions in inches (mm)
2. Tolerance: ±0.010 (±0.25)
3. Weight: 0.004 lbs (1.7 g)
4. Pin tolerance: ±0.004 (±0.10 mm)
Mechanical Details
Input Voltage
Output Voltage
Output Current
Isolation
Efficiency
Model Number
5.0 V
±9.0 V
55 mA
1 kV
76%
ISF0509
±12.0 V
42 mA
1 kV
79%
ISF0512
±15.0 V
33 mA
1 kV
78%
ISF0515
12.0 V
±15.0 V
33 mA
1 kV
74%
ISF1215
24.0V
±3.3 V
150 mA
1 kV
70%
ISF2403
±15.0 V
33 mA
1 kV
74%
ISF2415
Input Voltage
Output Voltage
Output Current
Isolation
Efficiency
Model Number
5.0 V
±15.0 V
33 mA
1 kV
78%
ISF0515-X
24.0V
±3.3 V
150 mA
1 kV
70%
ISF2403-X
±9.0 V
55 mA
1 kV
76%
ISF2409-X
PIN CONNECTIONS
+Vin
-Vin
-Vout
0 V
+Vout
N/C
2
1
5
4
7
3,6,8,9,10
Dual Output - Standard
1 234 5
8 76
9
10
Recommended Footprint
0.400
(10.16)
0.100
(2.54)
0.010
(0.25)
0.071
(1.80)
0.047
(1.20)
0.100 ±0.004
(2.54 ±0.10)
0.024 ±0.002
(0.60 ±0.05)
0.600 (15.24)
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
PIN CONNECTIONS
+Vin
-Vin
-Vout
0 V
+Vout
N/C
2
1
5
4
7
10
Dual Output - Option ‘-X’
12
4 5
7
10
Recommended Footprint
0.400
(10.16)
0.100
(2.54)
0.010
(0.25)
0.071
(1.80)
0.047
(1.20)
0.100 ±0.004
(2.54 ±0.10)
0.024 ±0.002
(0.60 ±0.05)
0.600 (15.24)
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
0.01
(0.25)
0.053
(1.35)
0.02 (0.25)
5
0.335 (8.5)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com