Electronic Components Datasheet Search
  English  ▼

X  

ISF Datasheet(PDF) 1 Page - XP Power Limited

Part # ISF
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISF Datasheet(HTML) 1 Page - XP Power Limited

  ISF Datasheet HTML 1Page - XP Power Limited ISF Datasheet HTML 2Page - XP Power Limited ISF Datasheet HTML 3Page - XP Power Limited ISF Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISF Series
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
24
V
See Models and Ratings table
Minimum Load
10
%
Operation at no load will not damage device but may not
meet all specifications
Line Regulation
1.2 / 1
%
Δ Vin
Load Regulation
7.5
%
For a 10-100% load change
Setpoint Accuracy
100
110
%
of nominal at 10% load
Ripple & Noise
100
mV pk-pk
Single output: 20 MHz bandwidth
75
Dual output: 20 MHz bandwidth
Temperature Coefficient
0.03
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
±10
%
% of nominal input
Input Reverse Voltage Protection
None
xxx Series
www.xppower.com
1
• Single & Dual Output
• SMD Package
• Industry Standard Pinouts
• 1000 VDC Isolation, 3000 VDC Optional
• MTBF >3.5 MHrs
• -40 °C to +85 °C Operation
• 3 Year Warranty
Dimensions:
ISF:
1.50 x 0.295 x 0.246” (12.7 x 7.5 x 6.25 mm)
1 Watt
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
75
%
See Models and Ratings table
Isolation
1000
VDC
Standard
3000
-H version
Isolation Resistance
109
Ω
Switching Frequency
100
kHz
5/12 V input at nominal input, full load
500
24 V input at nominal input, full load
Mean Time Between Failure
>3.5
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.004 (1.7)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
Full load
Storage Temperature
-55
+125
°C
Case Temperature
+105
°C
Cooling
Convection-cooled
Lead Temperature
260 °C, 0.06 in (1.5 mm) from case, 10 s


Similar Part No. - ISF

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
ISF-100B1 TALEMA-ISF-100B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISF-120A1 TALEMA-ISF-120A1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISF-130B1 TALEMA-ISF-130B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
ISF-140B1 TALEMA-ISF-140B1 Datasheet
44Kb / 1P
ISDN SO DIL Style Through Hole Interface Transformers
logo
XP Power Limited
ISF0303A XPPOWER-ISF0303A Datasheet
108Kb / 1P
Single & Dual Output
More results

Similar Description - ISF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com