Electronic Components Datasheet Search
  English  ▼

X  

PR5510 Datasheet(PDF) 6 Page - PREMA Semiconductor.

Part # PR5510
Description  Sensor IC for centre detection of a light source.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5510 Datasheet(HTML) 6 Page - PREMA Semiconductor.

  PR5510 Datasheet HTML 1Page - PREMA Semiconductor. PR5510 Datasheet HTML 2Page - PREMA Semiconductor. PR5510 Datasheet HTML 3Page - PREMA Semiconductor. PR5510 Datasheet HTML 4Page - PREMA Semiconductor. PR5510 Datasheet HTML 5Page - PREMA Semiconductor. PR5510 Datasheet HTML 6Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Differential Centre Detector
PR5510
PR5510-TM - Package Dimensions
ODFN-4L-1.8x2.9 PACKAGE
A lead-free solder profile with a peak tempera-
ture of 260°C or less, according to J-STD-020
should be followed.
Samples shipped without moisture barrier bag
must be dry-baked according to JEDEC guide-
lines before soldering. Manual soldering must
be done with utmost care.
Direct infrared heating should be avoided; pure
convection heating is recommended.
PRELIMINARY DATASHEET - DATA MAY CHANGE WITHOUT NOTICE
Disclaimer
Information provided by PREMA is believed to be accurate and correct. However, no responsibility is assumed by PREMA for its use,
nor for any infringements of patents or other rights of third parties which may result from its use. PREMA reserves the right at any
time without notice to change circuitry and specifications.
Life Support Policy
PREMA Semiconductors products are not authorized for use as critical components in life support devices or systems without the
express written approval of PREMA Semiconductor. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PREMA Semiconductor GmbH
Robert-Bosch-Str. 6
55129 Mainz Germany
Phone: +49-6131-5062-0
Fax: +49-6131-5062-220
Email: prema@prema.com Web site: www.prema.com
© PREMA Semiconductor GmbH 2017 I rev. 1742 -- PRELIMINARY DATASHEET --
Page 6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com