Electronic Components Datasheet Search
  English  ▼

X  

PR5510 Datasheet(PDF) 1 Page - PREMA Semiconductor.

Part # PR5510
Description  Sensor IC for centre detection of a light source.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5510 Datasheet(HTML) 1 Page - PREMA Semiconductor.

  PR5510 Datasheet HTML 1Page - PREMA Semiconductor. PR5510 Datasheet HTML 2Page - PREMA Semiconductor. PR5510 Datasheet HTML 3Page - PREMA Semiconductor. PR5510 Datasheet HTML 4Page - PREMA Semiconductor. PR5510 Datasheet HTML 5Page - PREMA Semiconductor. PR5510 Datasheet HTML 6Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Differential Centre Detector
PR5510
Sensor IC for centre detection of a light source.
PR5510 consists of two triplets of triangular
photodiodes with reciprocal orientation, togeth-
er with a differential transimpedance amplifier.
If illuminated uniformly, the output is Vcc/2, but
depends on the balance of illumination of the
triplets.
APPLICATIONS
•
Light beam alignment
•
Optical potentiometers
•
Vibration sensors
•
Optical position detectors
BLOCK DIAGRAM
Yellow: A photodiodes; orange: B photodiodes
PACKAGES
The PR5510 is offered as bare die or in a tiny optical DFN package.
a) IC as bare die – PR5510-BD
Die size: 2,500 µm x 900 µm
b) In optical DFN package - PR5510-TM
ODFN-4L 1.8mm x 2.9mm package.
© PREMA Semiconductor GmbH 2017 I rev. 1742 -- PRELIMINARY DATASHEET --
Page 1/6


Similar Part No. - PR5510

ManufacturerPart #DatasheetDescription
logo
Shanghai Cyanlite Techn...
PR55WD80 CYANLITE-PR55WD80 Datasheet
1Mb / 3P
LED Round Panel Light - CYNTHIA
More results

Similar Description - PR5510

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
Striped type light source designed for a variety of applications
logo
Infineon Technologies A...
KP106 INFINEON-KP106 Datasheet
155Kb / 2P
Integrated Pressure Sensor IC for Side Crash Detection
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
LED For Flash Light Source
CL-597S CITIZEN-CL-597S Datasheet
95Kb / 1P
LED For Flash Light Source
CL-690S CITIZEN-CL-690S Datasheet
112Kb / 2P
LED For Flash Light Source
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
LED For Flash Light Source
logo
Hamamatsu Corporation
L7810 HAMAMATSU-L7810_09 Datasheet
517Kb / 4P
Light level control of light source Sensitivity control of optical sensor
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
logo
Broadcom Corporation.
AFBR-S10PS010Z BOARDCOM-AFBR-S10PS010Z Datasheet
654Kb / 5P
Point Sensor for Light Detection and Plastic Optical Fiber Connector for Point Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com