Electronic Components Datasheet Search
  English  ▼

X  

DS3173 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS3173
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS3173 Datasheet HTML 9Page - Dallas Semiconductor DS3173 Datasheet HTML 10Page - Dallas Semiconductor DS3173 Datasheet HTML 11Page - Dallas Semiconductor DS3173 Datasheet HTML 12Page - Dallas Semiconductor DS3173 Datasheet HTML 13Page - Dallas Semiconductor DS3173 Datasheet HTML 14Page - Dallas Semiconductor DS3173 Datasheet HTML 15Page - Dallas Semiconductor DS3173 Datasheet HTML 16Page - Dallas Semiconductor DS3173 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
13 of 230
3 FEATURE DETAILS
The following sections describe the features provided by the DS3171 (single), DS3172 (dual), DS3173 (triple), and
DS3174 (quad) single-chip transceivers (framers and LIUs, SCTs).
3.1 Global Features
·
Supports the following transmission protocols:
·
C-bit DS3
·
M23 DS3
·
G.751 E3
·
G.832 E3
·
Clear-channel serial data at line rates up to 52 Mbits/s
·
Optional transmit loop timed clock(s) mode using the associated port’s receive clock(s)
·
Optional transmit clock mode using references generated by the internal Clock Rate Adapter (CLAD)
·
Requires only a single reference clock for all three LIU data rates using internal CLAD
·
The LIU can be powered down and bypassed for direct logic IO to/from line circuits.
·
Jitter attenuator can be placed in either transmit or receive path when the LIU is enabled.
·
Clock, data and control signals can be inverted for a direct interface to many other devices
·
Detection of loss of transmit clock and loss of receive clock
·
Automatic one-second, external or manual update of performance monitoring counters
·
Each port can be placed into a low-power standby mode when not being used
·
Framing and line code error insertion available
3.2 Receive DS3/E3 LIU Features
·
AGC/Equalizer block handles from 0 dB to 15 dB of cable loss
·
Loss-of-lock PLL status indication
·
Interfaces directly to a DSX monitor signal (20 dB flat loss) using built-in pre-amp
·
Digital and analog Loss of Signal (LOS) detectors (ANSI T1.231 and ITU G.775)
·
Per-channel power-down control
3.3 Receive DS3/E3 Framer Features
·
Frame synchronization for M23 or C-bit Parity DS3, or G.751 E3 or G.832 E3
·
B3ZS/HDB3/AMI decoding
·
Detection and accumulation of bipolar violations (BPV), code violations (CV), excessive zeros occurrences
(EXZ), F-bit errors, M-bit errors, FAS errors, LOF occurrences, P-bit parity errors, CP-bit parity errors, BIP-8
errors, and far end block errors (FEBE)
·
Detection of RDI, AIS, DS3 idle signal, loss of signal (LOS), severely errored framing event (SEFE), change of
frame alignment (COFA), receipt of B3ZS/HDB3 codewords, DS3 application ID bit, DS3 M23/C-bit format
mismatch, G.751 national bit, and G.832 RDI (FERF), payload type, and timing marker bits
·
HDLC port for DS3 path maintenance data link (PMDL), G.751 national bit or G.832 NR or GC channels
·
FEAC port for DS3 FEAC channel
·
16-byte Trail Trace Buffer port for G.832 trail access point identifier
·
DS3 M23 C bits and stuff bits configurable as payload or overhead, stored in registers for software inspection
·
Most framing overhead fields presented on the receive overhead port
3.4 Transmit DS3/E3 Formatter Features
·
Insertion of framing overhead for M23 or C-bit parity DS3, or G.751 E3 or G.832 E3
·
B3ZS/HDB3 encoding
·
Generation of RDI, AIS, and DS3 idle signal
·
Automatic or manual insertion of bipolar violations (BPVs), excessive zeros (EXZ) occurrences, F-bit errors, M-
bit errors, FAS errors, P-bit parity errors, CP-bit parity errors, BIP-8 errors, and far end block errors (FEBE)
·
HDLC port for DS3 path maintenance data link (PMDL), G.751 national bit or G.832 NR or GC channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com