Electronic Components Datasheet Search
  English  ▼

X  

DS3173 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS3173
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3173 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS3173 Datasheet HTML 41Page - Dallas Semiconductor DS3173 Datasheet HTML 42Page - Dallas Semiconductor DS3173 Datasheet HTML 43Page - Dallas Semiconductor DS3173 Datasheet HTML 44Page - Dallas Semiconductor DS3173 Datasheet HTML 45Page - Dallas Semiconductor DS3173 Datasheet HTML 46Page - Dallas Semiconductor DS3173 Datasheet HTML 47Page - Dallas Semiconductor DS3173 Datasheet HTML 48Page - Dallas Semiconductor DS3173 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
45 of 230
Figure 8-23. 16-Bit Mode without Byte Swap
0x1234
0x5678
Note: Address 0x2B0 = 0x1234
0x2B2 = 0x5678
0x2B0
0x2B2
D[15:0]
A[10:1]
A[0]/BSWAP
Z
Z
Z
Z
RD
WR
CS
RDY
Figure 8-24. 16-Bit Mode with Byte Swap
0x3412
0x7856
Note: Address 0x2B0 = 0x1234
0x2B2 = 0x5678
0x2B0
0x2B2
D[15:0]
A[10:1]
A[0]/BSWAP
Z
Z
Z
Z
RD
WR
CS
RDY
Clearing status latched registers on a read or write access is selectable via the GL.CR1.LSBCRE register bit.
Clearing on read clears all bits in the register, while the clear on write clears only those bits which are written with a
‘1’ when the user writes to the status latched register.
To use the Clear on Read method, the user must only read the status latched register. All bits are set to zero after
the read. Figure 8-25 shows a read of a status latched register and another read of the same register verifying the
register has cleared.
To use the Clear on Write method, the user must write the register with ones in the bit locations that he desires to
clear. Figure 8-26 shows a read, a write, and then a subsequent read revealing the results of clearing of the bits
that he wrote a ‘1.’ See also Section 10.1.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com