Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS237 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS237
Description  SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS237 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS237 Datasheet HTML 1Page - Texas Instruments SN74HCS237 Datasheet HTML 2Page - Texas Instruments SN74HCS237 Datasheet HTML 3Page - Texas Instruments SN74HCS237 Datasheet HTML 4Page - Texas Instruments SN74HCS237 Datasheet HTML 5Page - Texas Instruments SN74HCS237 Datasheet HTML 6Page - Texas Instruments SN74HCS237 Datasheet HTML 7Page - Texas Instruments SN74HCS237 Datasheet HTML 8Page - Texas Instruments SN74HCS237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
Y
1
Y
3
Y
4
V
CC
15
16
A
0
A
1
A
2
LE
G
1
G
0
Y
7
Y
0
Y
6
Y
2
Y
5
D or PW Package 16-Pin SOIC or TSSOP Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
SOIC or TSSOP
NO.
NAME
1
A0
I
Address select 0
2
A1
I
Address select 1
3
A2
I
Address select 2
4
LE
I
Latch enable
5
G1
I
Strobe input 1, active low
6
G0
I
Strobe input 0
7
Y7
O
Output 7
8
GND
—
Ground
9
Y6
O
Output 6
10
Y5
O
Output 5
11
Y4
O
Output 4
12
Y3
O
Output 3
13
Y2
O
Output 2
14
Y1
O
Output 1
15
Y0
O
Output 0
16
VCC
—
Positive supply
www.ti.com
SN74HCS237-Q1
SCLS809 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS237-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com