Electronic Components Datasheet Search
  English  ▼

X  

LM8500 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8500
Description  Four Wire Resistive Touchscreen Controller with Brownout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8500 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8500 Datasheet HTML 1Page - National Semiconductor (TI) LM8500 Datasheet HTML 2Page - National Semiconductor (TI) LM8500 Datasheet HTML 3Page - National Semiconductor (TI) LM8500 Datasheet HTML 4Page - National Semiconductor (TI) LM8500 Datasheet HTML 5Page - National Semiconductor (TI) LM8500 Datasheet HTML 6Page - National Semiconductor (TI) LM8500 Datasheet HTML 7Page - National Semiconductor (TI) LM8500 Datasheet HTML 8Page - National Semiconductor (TI) LM8500 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM8300/LM8500
Four Wire Resistive Touchscreen Controller with
Brownout
1.0 General Description
The LM8300/8500 is a 4-wire resistive touch screen control-
ler. The controller samples and drives the touch screen
without the need of any external hardware. The built in 10-bit
A/D provides a maximum of 500 coordinate pairs per second
(cpps). The data sampled from the touch screen is sent out
on the UART at a speed of 38400 bps.
The controller has a power-saving mode which causes the
controller to self-power down when no touch is detected on
the touch screen for a specified amount of time. In the
self-power down mode, the current drawn is typically less
than 2 µA. The device resumes normal operation when a
touch is detected on the touch screen or communication is
detected on the UART. In addition to the self-power down
mode, the controller can be disabled by pulling the SHUT-
DOWN pin low. The controller resumes normal operation
when the SHUTDOWN pin is tristated or pulled high.
The controller has an internal non-volatile memory storage
element to store configuration data such as calibration points
or controller configurations.
Devices included in this datasheet:
Device
Operating
Voltage
Brownout
Voltage
Operating
Frequency
I/O
Pins
Packages
Temperature
LM8300
3, 5 V
2.7 to 2.9 V
3.27 MHz
18
44 LLP, 44 PLCC,
48 TSSOP
0˚C to +70˚C
LM8500
5 V
4.17V to 4.5V
3.27, 10 MHz
18
44 LLP, 44 PLCC,
48 TSSOP
0˚C to +70˚C
2.0 Features
KEY FEATURES
n
Supports 4 wire resistive touch panels
n
Low power standby current typically less than 2 µA at
5.5V
n
Maximum speed of 500 coordinate pairs per second
n
Automatic wake up and return to standby
n
10 bit A/D
n
On-chip touch screen current drivers - no external driver
required
n
UART interface
n
Controller configurations are stored in the internal
non-volatile storage element
n
Touch pressure can be measured
APPLICATIONS
n
Personal Digital Assistants
n
Smart Hand-Held Devices
n
Touch Screen Monitors
n
Point-of-Sales Terminals
n
KIOSK
n
Pagers
n
Cell Phones
COP8™ is a trademark of National Semiconductor Corporation.
PRELIMINARY
December 2003
© 2004 National Semiconductor Corporation
DS200372
www.national.com


Similar Part No. - LM8500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Texas Instruments
LM8500IMT9B/NOPB TI1-LM8500IMT9B/NOPB Datasheet
440Kb / 26P
LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
More results

Similar Description - LM8500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
Resistive touchscreen
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com