Electronic Components Datasheet Search
  English  ▼

X  

AD8422 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8422
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8422 Datasheet HTML 13Page - Analog Devices AD8422 Datasheet HTML 14Page - Analog Devices AD8422 Datasheet HTML 15Page - Analog Devices AD8422 Datasheet HTML 16Page - Analog Devices AD8422 Datasheet HTML 17Page - Analog Devices AD8422 Datasheet HTML 18Page - Analog Devices AD8422 Datasheet HTML 19Page - Analog Devices AD8422 Datasheet HTML 20Page - Analog Devices AD8422 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LTC6373
17
Rev. 0
For more information www.analog.com
SIMPLIFIED BLOCK DIAGRAM
A3
V+OUT
V–
5M
5M
V+OUT
V–
–
+
A1
V+
V+OUT
V–
1k
1k
2k
666.67
DIGITAL GAIN CONTROL
6373 BD
533.33
800
2k
666.67
533.33
800
500
500
250
250
125
125
125
125
V–
V+
V–
5M
5M
V–
V–
V–
–
+
A2
V+
V–
55
+IN
55
55
55
V–
CAP
250
V–
–IN
V–
9
V–
V+
LTC6373
DGND
A2
A1
A0
4
10
11
3
2
V–
5
V+OUT
–OUT
V–
7
+OUT
6
12
1
V–
V–
VOCM
8
13
V+OUT
V–
VOUTA1
VOUTA2
Figure 1. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com