Electronic Components Datasheet Search
  English  ▼

X  

AD8422 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8422
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8422 Datasheet HTML 14Page - Analog Devices AD8422 Datasheet HTML 15Page - Analog Devices AD8422 Datasheet HTML 16Page - Analog Devices AD8422 Datasheet HTML 17Page - Analog Devices AD8422 Datasheet HTML 18Page - Analog Devices AD8422 Datasheet HTML 19Page - Analog Devices AD8422 Datasheet HTML 20Page - Analog Devices AD8422 Datasheet HTML 21Page - Analog Devices AD8422 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC6373
18
Rev. 0
For more information www.analog.com
Functional Description
The LTC6373 is a monolithic instrumentation amplifier
based on the classic 3-op-amp topology, as shown in
the Block Diagram of Figure 1. A parallel interface allows
users to digitally program gains to one of the seven avail-
able settings (G = 0.25, 0.5, 1, 2, 4, 8, and 16V/V) while
the 8th state puts the part in shutdown mode (which
reduces the current drawn from the supplies to 220µA).
Gain control is achieved by switching resistors in an
internal, precision resistor array (as shown in Figure 1).
Although the LTC6373 has a voltage feedback topology,
the gain-bandwidth product increases at higher gain set-
tings because each gain has its own frequency compensa-
tion, resulting in increased bandwidth at higher gains and
minimum phase variation across all gains.
The LTC6373 is optimized to convert a fully differential or
single-ended input signal to a low impedance, balanced
differential output suitable for driving high performance,
analog-to-digital converters (ADCs). The balanced differ-
ential nature of the amplifier provides even-order har-
monic distortion cancellation, and low susceptibility to
common mode noise (like power supply noise). Load
capacitances above 50pF to ground or 25pF differentially
should be decoupled with 10Ω to 50Ω of series resistance
from each output to prevent oscillation or ringing.
Overall, the LTC6373 simplifies signal chain design by
offering:
• High impedance buffering (due to using CMOS
technology and the resulting pA input bias current)
• Signal amplification (G>1) and attenuation (G<1)
together in one socket at nearly the same bandwidth
• Digital gain programming (which enables changing
gain settings easily and rapidly)
• Superior matching specs (due to trimmed, precision
internal resistors)
• The ability to drive ADCs directly (due to attributes
such as fully differential outputs, good DC precision,
low noise, low distortion, and high bandwidth)
• Level shifting (achieved by using VOCM pin to inde-
pendently adjust the output common mode voltage to
match it to the desired input level of the next stage of
the signal chain).
The LTC6373 accommodates all the above features in a
small 12-lead 4mm × 4mm DFN (LFCSP) package, mak-
ing it an excellent solution for applications where size and
packing density are important considerations.
Gain Selection
The gain of the LTC6373 can be programmed to its desired
setting using a digital interface consisting of a digital ref-
erence pin DGND and three parallel gain programming
pins A2, A1, and A0. The logic threshold for A2/A1/A0
pins is specified with respect to the voltage on the DGND
pin. Any voltage between DGND and DGND + 0.6V on A2
or A1 or A0 pins will generate a logic low (L) state for that
pin; any voltage between DGND + 1.5V and V+ on A2 or
A1 or A0 pins will generate a logic high (H) state for that
pin. The gain for the LTC6373 is programmed according
to the truth table below:
Table 1. Gain Selection Table for LTC6373
A2
A1
A0
G = GAIN SETTING (V/V)
L
L
L
16
L
L
H
8
L
H
L
4
L
H
H
2
H
L
L
1
H
L
H
0.5
H
H
L
0.25
H
H
H
Shutdown
The permissible voltage range for DGND is between V– and
V+ – 2.5V. However, typically DGND is tied to ground (0V)
and A2/A1/A0 pins can be connected to 0V or 5V to gener-
ate logic low (L) and logic high (H) states, respectively.
If the DGND pin is left floating, an internal resistor divider
creates a default voltage approximately halfway between
V+ and V–. Additionally, if A2 or A1 or A0 pins are left
floating, internal resistors pull the voltage on each of these
pins close to the DGND pin, resulting in a default logic low
(L) state for that programming pin. As a result, if A2 and
A1 and A0 pins are left floating all at the same time, the
LTC6373 will have a gain setting of G = 16. When these
pins are left open, care should be taken to control leakage
currents at these pins to prevent inadvertently putting the
LTC6373 into an undesired gain setting.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com