Electronic Components Datasheet Search
  English  ▼

X  

LT1802 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1802
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1802 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1802 Datasheet HTML 12Page - Analog Devices LT1802 Datasheet HTML 13Page - Analog Devices LT1802 Datasheet HTML 14Page - Analog Devices LT1802 Datasheet HTML 15Page - Analog Devices LT1802 Datasheet HTML 16Page - Analog Devices LT1802 Datasheet HTML 17Page - Analog Devices LT1802 Datasheet HTML 18Page - Analog Devices LT1802 Datasheet HTML 19Page - Analog Devices LT1802 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC6226/LTC6227
16
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output
The LTC6226 family has excellent output drive capabil-
ity. The amplifiers can typically deliver more than 50mA
of output drive current at a total supply of 10V, and can
typicallyswingtowithin600mVoftherailforloadcurrents
as high as 25mA. As the supply voltage to the amplifier
decreases, the output current capability also decreases.
Attention must be paid to keep the junction temperature
of the IC below 150°C (refer to power dissipation section)
when the output is in continuous short-circuit. The output
of the amplifier has reverse-biased diodes connected to
each supply. If the output is forced beyond either supply,
extremely high currents will flow through those diodes
whichcanresultindamagetothedevice.Forcingtheoutput
to even 1V beyond either supply could result in several
hundred milliamps of current through either diode. Thus
forcing the output beyond the supplies should be avoided.
Input Protection
The LTC6226/LTC6227 has a pair of back to back diodes
(D5 and D7) to prevent the emitter base breakdown of the
inputtransistorsandlimitthedifferentialinputto±700mV.
Unlike many other high performance amplifiers, the bases
of the input pair transistors Q1 and Q2 are not connected
to the pins using internal resistors to limit input current,
since that would cause the noise to increase. For instance,
a 100Ω resistor in series with each input would generate
1.8nV/√Hz of noise, and the total amplifier noise voltage
would rise from 1nV/√Hz to 2.06nV/√Hz. Once the input
differential voltage exceeds ±0.7V, current conducted
though the protection diodes should be limited to ±10mA.
This implies 25Ω of protection resistance per quarter volt
(250mV) of overdrive beyond ±0.7V. In addition, the input
and shutdown pins have reverse biased diodes connected
tothesupplies.Thecurrentinthesediodesmustbelimited
to less than 10mA. The amplifiers should not be used as
comparators or in other open loop applications.
ESD
The LTC6226 family has reverse biased ESD protection
diodes on all inputs as shown in Figure 1. There is an
additional clamp between the positive and negative sup-
plies that further protects the device during ESD strikes.
Hot plugging of the device into a powered socket must be
avoided since this can trigger the clamp resulting in larger
currents flowing between the supply pins.
Capacitive Loads
The LTC6226/LTC6227 are optimized for high bandwidth
applications, and have not been designed to directly drive
capacitive loads. Hence any trace capacitance at the
output should be made as small as possible. Increased
capacitance at the output creates an additional pole in
the open loop frequency response, worsening the phase
margin. When driving capacitive loads, a resistor of 10Ω
to 100Ω should be connected between the amplifier
output and the capacitive load to avoid ringing or oscil-
lation. The feedback should be taken directly from the
amplifier output. Higher voltage gain configurations tend
to have better capacitive drive capability than lower gain
configurations due to lower closed loop bandwidth and
hence higher phase margin. The graphs titled Overshoot
vs Capacitive Load demonstrate the transient response of
the amplifier when driving capacitive loads with various
series resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com