Electronic Components Datasheet Search
  English  ▼

X  

LT1802 Datasheet(PDF) 19 Page - Analog Devices

Part # LT1802
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1802 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT1802 Datasheet HTML 15Page - Analog Devices LT1802 Datasheet HTML 16Page - Analog Devices LT1802 Datasheet HTML 17Page - Analog Devices LT1802 Datasheet HTML 18Page - Analog Devices LT1802 Datasheet HTML 19Page - Analog Devices LT1802 Datasheet HTML 20Page - Analog Devices LT1802 Datasheet HTML 21Page - Analog Devices LT1802 Datasheet HTML 22Page - Analog Devices LT1802 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC6226/LTC6227
19
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
16-Bit High Performance Transparent ADC Driver
The ultralow noise and distortion performance of the
LTC6226/LTC6227 makes it an excellent candidate for
driving high sample rate high resolution ADCs. Figure 4
shows the LTC6227 driven by a differential input, driving
an AD7380, a 4Msps, 16-bit ADC. Figure 5 shows the FFT
obtained with a –0.5 dBFS, 50kHz input signal. Spurious
free dynamic range is an excellent 108.5dB with an SNR
of 91dB. Increasing the input frequency to 100kHz results
in excellent performance as well, with a THD of –100dBc,
SNR of 89dB and SFDR of 104.9dB.
High Performance Single Ended to Differential 16-Bit
ADC Driver
In many applications, the signal to be digitized is single
ended, whereas the A/D Converter needs differential inputs
to maximize performance. The LTC6227 can be used to
implement a Single-Ended to differential ADC driver as
shown in Figure 6. One channel is configured in unity gain
and drives another channel configured in an inverting gain
stage of 1, both outputs drive the LTC2323-16 through an
RC filter. Figure 7 shows the FFT obtained with a –1dBFS
156.25kHz input signal, with a demanding 5Msps sample
rate. The obtained SNR of 81 dB is equivalent to that of
the ADC by itself, thus there is no degradation due to the
driver. The SFDR obtained is 84dB.
62267 F04
–
+
330pF
3.3V
3.3V
ADR4533
2.5V
2.2µF
1/2 LTC6227
33
68pF
3.3V
0V
68pF
–
+
1/2 LTC6227
33
5V
–2.5V
3.3V
0V
AD7380
IN–
IN+ VCC VREF VLOGIC
Figure 4. Transparent Driver for 16-Bit ADC
Figure 5. Measured Performance of LTC6227
Based Driver Driving the AD7380
6.23VP–P 50kHz INPUT SIGNAL
FREQUENCY (kHz)
0
400
800
1200
1600
2000
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
62267 F05
SNR = 91 dB
THD = –104.8 dB
SFDR = 108.5 dB
16-Bit ADC Driver Performance
Input Signal = –0.5dBFS
fSMPL = 4Msps, fIN = 50kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com