Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 2Page - Analog Devices LTC6906 Datasheet HTML 3Page - Analog Devices LTC6906 Datasheet HTML 4Page - Analog Devices LTC6906 Datasheet HTML 5Page - Analog Devices LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC6994-1/LTC6994-2
6
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Delay Drift vs Temperature
(NDIV ≥ 512)
Delay Drift vs Temperature
(NDIV ≤ 64)
V+ = 3.3V, RSET = 200k and TA = 25°C unless otherwise noted.
Delay Drift vs Temperature
(NDIV ≤ 64)
Delay Drift vs Supply Voltage
(NDIV = 1)
Delay Drift vs Supply Voltage
(NDIV = 1)
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
699412 G01
0
–0.5
–25
0
50
100
125
–1.0
–1.5
RSET = 50k
3 PARTS
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
699412 G02
0
–0.5
–25
0
50
100
125
–1.0
–1.5
RSET = 200k
3 PARTS
Delay Drift vs Temperature
(NDIV ≤ 64)
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
699412 G03
0
–0.5
–25
0
50
100
125
–1.0
–1.5
RSET = 800k
3 PARTS
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
699412 G04
0
–0.5
–25
0
50
100
125
–1.0
–1.5
RSET = 50k
3 PARTS
Delay Drift vs Temperature
(NDIV ≥ 512)
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
699412 G05
0
–0.5
–25
0
50
100
125
–1.0
–1.5
RSET = 200k
3 PARTS
Delay Drift vs Temperature
(NDIV ≥ 512)
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
699412 G06
0
–0.5
–25
0
50
100
125
–1.0
–1.5
RSET = 800k
3 PARTS
SUPPLY (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
699412 G07
–0.6
0.6
0.8
0.2
5
6
RSET = 50k
RSET = 200k
RSET = 800k
RISING EDGE DELAY
REFERENCED TO V+ = 4V
SUPPLY (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
699412 G08
–0.6
0.6
0.8
0.2
5
6
RSET = 50k
RSET = 200k
RSET = 800k
FALLING EDGE DELAY
REFERENCED TO V+ = 4V
Delay Drift vs Supply Voltage
(NDIV > 1)
SUPPLY (V)
2
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
3
4
699412 G09
–0.6
0.6
0.8
0.2
5
6
RSET = 50k, NDIV = 8
RSET = 50k TO 800k, NDIV ≥ 512
RSET = 800k, NDIV = 8
REFERENCED TO V+ = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com