Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 6Page - Analog Devices LTC6906 Datasheet HTML 7Page - Analog Devices LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC6994-1/LTC6994-2
10
Rev. C
For more information www.analog.com
PIN FUNCTIONS (DCB/S6)
V+ (Pin 1/Pin 5): Supply Voltage (2.25V to 5.5V). This sup-
ply should be kept free from noise and ripple. It should be
bypassed directly to the GND pin with a 0.1µF capacitor.
DIV (Pin 2/Pin 4): Programmable Divider and Polarity
Input. The DIV pin voltage (VDIV) is internally converted
into a 4-bit result (DIVCODE). VDIV may be generated by
a resistor divider between V+ and GND. Use 1% resistors
to ensure an accurate result. The DIV pin and resistors
should be shielded from the OUT pin or any other traces
that have fast edges. Limit the capacitance on the DIV pin
to less than 100pF so that VDIV settles quickly. The MSB
of DIVCODE (POL) selects the delay functionality. For the
LTC6994-1, POL = 0 will delay the rising transition and
POL = 1 will delay the falling transition. For the LTC6994-
2, both transitions are delayed so POL = 1 can be used
to invert the output.
SET (Pin 3/Pin 3): Delay Setting Input. The voltage on the
SET pin (VSET) is regulated to 1V above GND. The amount
of current sourced from the SET pin (ISET) programs the
master oscillator frequency. The ISET current range is
1.25µA to 20µA. The delayed output transition will be not
occur if ISET drops below approximately 500nA. Once ISET
increases above 500nA the delayed edge will transition.
A resistor connected between SET and GND is the most
accurate way to set the delay. For best performance, use
a precision metal or thin film resistor of 0.5% or better
tolerance and 50ppm/°C or better temperature coefficient.
For lower accuracy applications an inexpensive 1% thick
film resistor may be used.
Limit the capacitance on the SET pin to less than 10pF
to minimize jitter and ensure stability. Capacitance less
than 100pF maintains the stability of the feedback circuit
regulating the VSET voltage.
IN(Pin4/Pin1):LogicInput.Dependingontheversionand
POL bit setting, rising or falling edges on IN will propagate
to OUT after a programmable delay. The LTC6994-1 will
delay only the rising or falling edge. The LTC6994-2 will
delay both edges.
GND (Pin 5/Pin 2): Ground. Tie to a low inductance ground
plane for best performance.
OUT (Pin 6/Pin 6): Output. The OUT pin swings from
GND to V+ with an output resistance of approximately
30Ω. When driving an LED or other low impedance load
a series output resistor should be used to limit source/
sink current to 20mA.
699412 PF
LTC6994
IN
GND
SET
OUT
V+
DIV
C1
0.1µF
RSET
R2
R1
V+
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com