Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 15Page - Analog Devices LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices LTC6930 Datasheet HTML 18Page - Analog Devices LTC6930 Datasheet HTML 19Page - Analog Devices LTC6930 Datasheet HTML 20Page - Analog Devices LTC6930 Datasheet HTML 21Page - Analog Devices LTC6930 Datasheet HTML 22Page - Analog Devices LTC6930 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC6994-1/LTC6994-2
19
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Settling Time
Following a 2× or 0.5× step change in ISET, the out-
put delay takes approximately six master clock cycles
(6 • tMASTER) to settle to within 1% of the final value.
An example is shown in Figure 12, using the circuit in
Figure 10.
Figure 12. Typical Settling Time
VCTRL
2V/DIV
IN
5V/DIV
OUT
5V/DIV
DELAY
2µs/DIV
LTC6994-1
V+ = 3.3V
DIVCODE = 0
RSET = 200k
RMOD = 464k
tOUT = 3µs AND 6µs
20µs/DIV
699412 F12
Coupling Error
The current sourced by the SET pin is used to bias the
internal master oscillator. The LTC6994 responds to
changesinISETalmostimmediately,whichprovidesexcel-
lent settling time. However, this fast response also makes
the SET pin sensitive to coupling from digital signals, such
as the IN input.
Even an excellent layout will allow some coupling between
IN and SET. Additional error is included in the specified
accuracy for NDIV = 1 to account for this. Figure 13 shows
that ÷1 supply variation is dependent on coupling from
rising or falling inputs.
A very poor layout can actually degrade performance
further. The PCB layout should avoid routing SET next to
IN (or any other fast-edge, wide-swing signal).
SUPPLY (V)
2
–1.0
0
0.4
0.2
0.6
0.8
1.0
4
5
6
–0.4
–0.2
–0.6
–0.8
3
699412 F13
FALLING EDGE DELAY
RISING EDGE DELAY
RSET = 50k
NDIV = 1
Figure 13. Delay Drift vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com