Electronic Components Datasheet Search
  English  ▼

X  

LTC6993 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6993
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6993 Datasheet(HTML) 1 Page - Analog Devices

  LTC6993 Datasheet HTML 1Page - Analog Devices LTC6993 Datasheet HTML 2Page - Analog Devices LTC6993 Datasheet HTML 3Page - Analog Devices LTC6993 Datasheet HTML 4Page - Analog Devices LTC6993 Datasheet HTML 5Page - Analog Devices LTC6993 Datasheet HTML 6Page - Analog Devices LTC6993 Datasheet HTML 7Page - Analog Devices LTC6993 Datasheet HTML 8Page - Analog Devices LTC6993 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6994-1/LTC6994-2
1
Rev. C
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
TimerBlox: Delay Block/
Debouncer
The LTC®6994 is a programmable delay block with a
range of 1µs to 33.6 seconds. The LTC6994 is part of
the TimerBlox® family of versatile silicon timing devices.
A single resistor, RSET, programs an internal master os-
cillator frequency, setting the LTC6994’s time base. The
input-to-output delay is determined by this master oscil-
lator and an internal clock divider, NDIV, programmable
to eight settings from 1 to 221:
tDELAY=
NDIV • RSET
50kΩ
• 1µs, NDIV = 1, 8, 64,...,2
21
The output (OUT) follows the input (IN) after delaying
the rising and/or falling transitions. The LTC6994-1 will
delay the rising or falling edge. The LTC6994-2 will delay
both transitions, and adds the option to invert the output.
DEVICE
DELAY FUNCTION
LTC6994-1
or
LTC6994-2
or
The LTC6994 also offers the ability to dynamically adjust
the delay time via a separate control voltage.
For easy configuration of the LTC6994, use the TimerBlox
LTC6994: Delay Web-Based Design Tool.
Noise Discriminator
APPLICATIONS
n
Delay Range: 1µs to 33.6 Seconds
n
Configured with 1 to 3 Resistors
n
Delay Max Error:
– <2.3% for Delay > 512µs
– <3.4% for Delay of 8µs to 512µs
– <5.1% for Delay of 1µs to 8µs
n
Delay One or Both Rising/Falling Edges
n
2.25V to 5.5V Single Supply Operation
n
70µA Supply Current at 10µs Delay
n
500µs Start-Up Time
n
CMOS Output Driver Sources/Sinks 20mA
n
–55°C to 125°C Operating Temperature Range
n
Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm × 3mm DFN
n
AEC-Q100 Qualified for Automotive Applications
n
Noise Discriminators/Pulse Qualifiers
n
Delay Matching
n
Switch Debouncing
n
High Vibration, High Acceleration Environments
n
Portable and Battery-Powered Equipment
All registered trademarks and trademarks are the property of their respective owners.
699412 TA01a
LTC6994-2
OUT
V+
DIV
IN
GND
SET
RSET
75k
3.3V
0.1µF
NOISY
INPUT
QUALIFIED
OUTPUT
IN
2V/DIV
OUT
2V/DIV
20µs/DIV
699412 TA01b
1.5µs
1.5µs
Document Feedback


Similar Part No. - LTC6993

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6993 LINER-LTC6993 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6993 AD-LTC6993 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6993 AD-LTC6993 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
LTC6993 AD-LTC6993 Datasheet
982Kb / 30P
TimerBlox: Voltage Controlled Silicon Oscillator
Rev. D
LTC6993 AD-LTC6993 Datasheet
1Mb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
Rev. B
More results

Similar Description - LTC6993

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
LTC6994-1 LINER-LTC6994-1 Datasheet
397Kb / 24P
TimerBlox: Delay Block/ Debouncer
LTC6993-1 LINER-LTC6993-1 Datasheet
398Kb / 24P
TimerBlox: Monostable
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
TimerBlox Long Timer, Low Frequency Oscillator
LTC6994-1 LINER-LTC6994-1_15 Datasheet
383Kb / 26P
Delay Block/ Debouncer
LTC6994-2 LINER-LTC6994-2_15 Datasheet
383Kb / 26P
Delay Block/ Debouncer
LTC699X-X LINER-LTC699X-X Datasheet
398Kb / 14P
TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com