Electronic Components Datasheet Search
  English  ▼

X  

LTC6993 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6993
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6993 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6993 Datasheet HTML 20Page - Analog Devices LTC6993 Datasheet HTML 21Page - Analog Devices LTC6993 Datasheet HTML 22Page - Analog Devices LTC6993 Datasheet HTML 23Page - Analog Devices LTC6993 Datasheet HTML 24Page - Analog Devices LTC6993 Datasheet HTML 25Page - Analog Devices LTC6993 Datasheet HTML 26Page - Analog Devices LTC6993 Datasheet HTML 27Page - Analog Devices LTC6993 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC6994-1/LTC6994-2
24
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Crossover Gate—Break-Before-Make Interval Timer
LTC6994-1
OUT
V+
DIV
IN
GND
SET
787k
tDELAY = 1ms
V+
V+
V+
V+
VLOAD
OFF
GND
1ms OFF INTERVAL
AT EACH TRANSITION
OFF
OFF
V+
0.1µF
IN
LOAD
LOW
LOAD
HIGH
FALLING
DELAYED
RISING
DELAYED
100k
100k
P
TP0610
N
2N7000
699412 TA06
100k
LTC6994-1
OUT
V+
DIV
IN
GND
SET
tDELAY = 1ms
0.1µF
442k
LOAD
VLOAD
IN
V+/2
100k
787k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com