Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC6900
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 26Page - Analog Devices LTC6900 Datasheet HTML 27Page - Analog Devices LTC6900 Datasheet HTML 28Page - Analog Devices LTC6900 Datasheet HTML 29Page - Analog Devices LTC6900 Datasheet HTML 30Page - Analog Devices LTC6900 Datasheet HTML 31Page - Analog Devices LTC6900 Datasheet HTML 32Page - Analog Devices LTC6900 Datasheet HTML 33Page - Analog Devices LTC6900 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
34
Rev. D
For more information www.analog.com
ANALOG DEVICES, INC. 2010-2019
11/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1MHz to 33MHz ThinSOT Silicon Oscillator
Wide Frequency Range
LTC6900
1MHz to 20MHz ThinSOT Silicon Oscillator
Low Power, Wide Frequency Range
LTC6906/LTC6907 10kHz to 1MHz or 40kHz ThinSOT Silicon Oscillator
Micropower, ISUPPLY = 35µA at 400kHz
LTC6930
Fixed Frequency Oscillator, 32.768kHz to 8.192MHz
0.09% Accuracy, 110µs Start-Up Time, 105µA at 32kHz
LTC6990
TimerBlox, Voltage Controlled Oscillator
Frequency from 488Hz to 1MHz, No Caps, 2.2% Accurate
LTC6991
TimerBlox, Very Low Frequency Clock with Reset
Cycle Time from 2ms to 9.5 Hours, No Caps, 2.2% Accurate
LTC6993
TimerBlox, Monostable Pulse Generator
Resistor Set Pulse Width from 1µs to 34sec, No Caps, 3% Accurate
LTC6994
TimerBlox, Delay Block/Debouncer
Resistor Set Delay from 1µs to 34sec, No Caps Required, 3% Accurate
PWM Controller for LED Driver
6992 TA15
LTC6992-1
MOD
GND
SET
OUT
V+
DIV
1M
681k
102k
VIN
8V TO 16V
ANALOG PWM
DUTY CYCLE
CONTROL
(0V TO 1V)
5V
LT3517
PWM
TGEN
VREF
CTRL
SYNC
FB
ISP
ISN
TG
SHDN VIN
SW
VC
GND
SS
RT
C1
2.2µF
0.1µF
R1
3.92M
R2
124k
300mA
C1
0.22µF
C2
4.7µF
C3
0.1µF
C4
0.1µF
RT
6.04k
2MHz
D1
L1
6.8µH
LT3517
RSENSE
330m
C1: KEMET C0806C225K4RAC
C2: KEMET C1206C475K3RAC
C3, C4: MURATA GRM21BR71H104KA01B
C5: MURATA GRM21BR71H224KA01B
D1: DIODE DFLS160
L1: TOKO B992AS-6R8N
LEDS: LUXEON I (WHITE)
M1: ZETEX ZXMP6A13FTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com