Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC6900
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 19Page - Analog Devices LTC6900 Datasheet HTML 20Page - Analog Devices LTC6900 Datasheet HTML 21Page - Analog Devices LTC6900 Datasheet HTML 22Page - Analog Devices LTC6900 Datasheet HTML 23Page - Analog Devices LTC6900 Datasheet HTML 24Page - Analog Devices LTC6900 Datasheet HTML 25Page - Analog Devices LTC6900 Datasheet HTML 26Page - Analog Devices LTC6900 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
23
Rev. D
For more information www.analog.com
Power Supply Current
The power supply current varies with frequency, supply
voltage and output loading. It can be estimated under any
condition using the following equation:
If NDIV = 1 (DIVCODE = 0 or 15):
IS(TYP) ≈ V+ • fOUT • 39pF +CLOAD
(
)
+
V+
320kΩ
+
V+ •Duty Cycle
RLOAD
+ 2.2 •ISET + 85µA
If NDIV > 1 (DIVCODE = 1 or 14):
IS(TYP) ≈ V+ • NDIV • fOUT •27pF
+ V+ • fOUT • 28pF +CLOAD
(
)
+
V+
320kΩ
+
V+ •Duty Cycle
RLOAD
+ 2.6 •ISET + 90µA
SUPPLY BYPASSING AND PCB LAYOUT GUIDELINES
The LTC6992 is a 2.4% accurate silicon oscillator when
used in the appropriate manner. The part is simple to use
and by following a few rules, the expected performance
is easily achieved. Adequate supply bypassing and proper
PCB layout are important to ensure this.
Figure 12 shows example PCB layouts for both the TSOT-
23 and DFN packages using 0603 sized passive compo-
nents. The layouts assume a two layer board with a ground
plane layer beneath and around the LTC6992. These lay-
outs are a guide and need not be followed exactly.
APPLICATIONS INFORMATION
1. Connect the bypass capacitor, C1, directly to the V+ and
GND pins using a low inductance path. The connection
from C1 to the V+ pin is easily done directly on the top
layer. For the DFN package, C1’s connection to GND
is also simply done on the top layer. For the TSOT-23,
OUT can be routed through the C1 pads to allow a good
C1 GND connection. If the PCB design rules do not
allow that, C1’s GND connection can be accomplished
through multiple vias to the ground plane. Multiple
vias for both the GND pin connection to the ground
plane and the C1 connection to the ground plane are
recommended to minimize the inductance. Capacitor
C1 should be a 0.1μF ceramic capacitor.
2. Place all passive components on the top side of the
board. This minimizes trace inductance.
3. Place RSET as close as possible to the SET pin and
make a direct, short connection. The SET pin is a cur-
rent summing node and currents injected into this pin
directly modulate the operating frequency. Having a
short connection minimizes the exposure to signal
pickup.
4. Connect RSET directly to the GND pin. Using a long path
or vias to the ground plane will not have a significant
affect on accuracy, but a direct, short connection is
recommended and easy to apply.
5. Use a ground trace to shield the SET pin. This provides
another layer of protection from radiated signals.
6. Place R1 and R2 close to the DIV pin. A direct, short
connection to the DIV pin minimizes the external
signal coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com