Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 22Page - Analog Devices LTC4367 Datasheet HTML 23Page - Analog Devices LTC4367 Datasheet HTML 24Page - Analog Devices LTC4367 Datasheet HTML 25Page - Analog Devices LTC4367 Datasheet HTML 26Page - Analog Devices LTC4367 Datasheet HTML 27Page - Analog Devices LTC4367 Datasheet HTML 28Page - Analog Devices LTC4367 Datasheet HTML 29Page - Analog Devices LTC4367 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC7000/LTC7000-1
30
Rev. E
For more information www.analog.com
ANALOG DEVICES, INC. 2018–2020
03/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC7001
Fast 150V High Side NMOS Static
Switch Driver
3.5V to 150V Operation, IQ = 35µA, Turn-On (CL = 1nF) = 35ns,
Internal Charge Pump
LTC4440/LTC4440-5/
LTC4440A-5
High Speed, High Voltage High Side
Gate Driver
Up to 100V Supply Voltage, 8V ≤ VCC ≤ 15V, 2.4A Peak Pull-Up/1.5Ω
Peak Pull-Down
LTC7138
High Efficiency, 150V 250mA/400mA Synchronous
Step-Down Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16 (12)
LTC7103
105V, 2.3A Low EMI Synchronous Step-Down Regulator 4.4V ≤ VIN ≤ 105V, 1V ≤ VOUT ≤ VIN, IQ = 2µA Fixed Frequency 200kHz
to 2MHz, 5mm x 6mm QFN
LTC7801
150V Low IQ, Synchronous Step-Down DC/DC Controller 4V ≤ VIN ≤ 140V, 150V abs max, 0.8V ≤ VOUT ≤ 60V, IQ = 40µA,
PLL Fixed Frequency 320kHz to 2.25MHz
LT1910
Protected High Side MOSFET Driver
8V to 48V Operation, ΔVSNS = 65mV, IQ = 110µA, Turn-On
(CL = 1nF) = 220µs, Internal Charge Pump
LTC4367
100V Overvoltage, Undervoltage and Reverse Supply
Protection
2.5V ≤ VIN ≤ 60V, VOUT Protection Up to 100V,
Reverse Protection to –40V, MSOP-8, 3mm × 3mm DFN-8
LTC4368
100V Overvoltage, Undervoltage and Revernse Protection
Controller with Bidirectional Circuit Breaker
2.5V ≤ VIN ≤ 60V, VOUT Protection Up to 100V,
Reverse Protection to –40V, MSOP-8, 3mm × 3mm DFN-8
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation, ΔVSNS = 50mV, IQ = 425µA, Turn-On
(CL = 1nF) = 500µs, Internal Charge Pump
LTC7860
High Efficiency Switching Surge Stopper
4V to 60V Operation, ΔVSNS = 95mV, IQ = 370µA, PMOS Driver
LTC4231
Micropower Hot Swap Controller
2.7V to 36V Operation, ΔVSNS = 50mV, IQ = 4µA, Turn-On
(CL = 1nF) = 1ms, Internal Charge Pump
LTC3895
150V Low IQ, Synchronous Step-Down DC/DC Controller PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 140V,
0.8V ≤ VOUT ≤ 60V, IQ = 40µA
LTC4380
Low Quiescent Current Surge Stopper
4V to 80V Operation, ΔVSNS = 50mV, IQ = 8µA, Turn-On = 5ms,
Internal Charge Pump
LTC3639
High Efficiency, 150V 100mA Synchronous Step-Down
Regulator
Integrated Power MOSFETs, 4V ≤ VIN ≤ 150V, 0.8V ≤ VOUT ≤ VIN,
IQ = 12µA, MSOP-16(12)
0.1µF
1µF
VS-12CWQ10FN
48V, 500W MOTOR
BAS116L
7000 TA07
LTC7000
0.004
BSC12DN20NS3G
LOAD
40V TO 60V
8A CONTINUOUS MAX
VIN
40V TO 60V
(150V TOLERANT)
100k
M
100
GND
OVLO
TIMER
ISET
VCCUV
INP
IMON
1nF
100k
86.6k
590k
6.04k
12.1k
SNS+
SNS–
TGUP
TGDN
VIN
RUN
TS
BST
VCC
FAULT
PWM –20kHz
Protected Motor Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com