Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC7000/LTC7000-1
6
Rev. E
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7000/LTC7000-1 is tested under pulsed load conditions
such that TJ ≈ TA. The LTC7000E/LTC7000E-1 is guaranteed to meet
performance specifications from 0°C to 85°C. Specifications over the
–40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC7000I/LTC7000I-1 is guaranteed over the –40°C to 125°C
operating junction temperature range, the LTC7000H/LTC7000H-1 is
guaranteed over the –40°C to 150°C operating junction temperature
range, the LTC7000J/LTC7000J-1 is guaranteed over the –40°C to 150°C
operating junction temperature range, and the LTC7000MP/LTC7000MP-1
is tested and guaranteed over the –55°C to 150°C operating junction
temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime is
derated for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors.
Note 3: The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA), where θJA is 45°C/W.
Note 4: This IC includes over temperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Operation above the specified absolute maximum operating junction
temperature may impair device reliability or permanently damage the
device.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: For application concerned with pin creepage and clearance
distances at high voltages, the MSE16(12) variation package should be
used. See Applications Information.
Note 7: Do not apply a voltage or current source to these pins. They must
be connected to capacitive loads only; otherwise permanent damage may
occur.
Note 8: Total supply current is the sum of the current into the VIN, SNS+,
SNS– and TS pins.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VSNS+ = 10V, VCC = VBST = 10V, VTS = GND = 0V,
unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operation
VIH
VIL
Input Threshold Voltages
VINP Rising
VINP Falling
Hysteresis
l
l
1.7
1.3
2
1.6
400
2.2
1.8
V
V
mV
Input Pull-Down Resistance
VINP = 1V
1
MΩ
RUN and OVLO Pin Threshold Voltages
Rising
Falling
Hysteresis
1.16
1.05
1.21
1.10
110
1.26
1.15
V
V
mV
RUN and OVLO Leakage Current
VRUN = 1.3V, VOVLO = 1.3V
l
–100
0
100
nA
TIMER Threshold Voltage
VTIMER Rising to VFAULT Going Low
1.25
1.3
1.35
V
TIMER Early Warning Voltage
VFAULT Going Low to (TG-TS) Going Low
75
100
125
mV
TIMER Pin Fault Pull-Up Current
VTIMER = 1.0V, ISET = OPEN
l
–115
–100
–80
µA
TIMER Pin Pull-Down Current
VTIMER = 0.6V ISET = OPEN
ΔVSNS = 0mV
2.0
2.5
3.0
µA
FAULT Output Low Voltage
IFAULT = 1mA
l
0.2
0.5
V
FAULT Leakage Current
VFAULT = 5V
l
–100
0
100
nA
ΔVTH
Current Sense Threshold Voltage
ΔVSNS = (VSNS+ – VSNS–)
ISET = OPEN or LTC7000-1
VISET = 1.2V (LTC7000 Only)
VISET = 0V (LTC7000 Only)
l
22
54
15
30
60
20
36
64
24
mV
D
Retry Duty Cycle
ΔVSNS = 200mV
CTIMER = 1nF
l
0.06
0.1
%
ISET (LTC7000 Only) and VCCUV Pull-Up Current
VISET = 1.0V, VCCUV = 1.0V
–11.3
–10
–8.7
µA
IMON Output Voltage (LTC7000 Only)
ΔVSNS = 60mV, VTIMER = 0V, VINP = 3.5V
ΔVSNS = 30mV, VTIMER = 0V, VINP = 3.5V
ΔVSNS = 0mV, VTIMER = 0V, VINP = 3.5V
l
1.12
0.52
1.2
0.6
0
1.28
0.68
0.1
V
V
V
Over-Current to TG Low Propagation Delay
ΔVSNS Step 10mV to 50mV, ISET = OPEN,
VTIMER = VCC, VINP = 3.5V
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com