Electronic Components Datasheet Search
  English  ▼

X  

LTC4380 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4380
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4380 Datasheet(HTML) 4 Page - Analog Devices

  LTC4380 Datasheet HTML 1Page - Analog Devices LTC4380 Datasheet HTML 2Page - Analog Devices LTC4380 Datasheet HTML 3Page - Analog Devices LTC4380 Datasheet HTML 4Page - Analog Devices LTC4380 Datasheet HTML 5Page - Analog Devices LTC4380 Datasheet HTML 6Page - Analog Devices LTC4380 Datasheet HTML 7Page - Analog Devices LTC4380 Datasheet HTML 8Page - Analog Devices LTC4380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC7000/LTC7000-1
4
Rev. E
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LTC7000EMSE#WPBF
LTC7000EMSE#WTRPBF
7000
16-Lead Plastic MSOP
−40°C to 125°C
LTC7000IMSE#WPBF
LTC7000IMSE#WTRPBF
7000
16-Lead Plastic MSOP
−40°C to 125°C
LTC7000JMSE#WPBF
LTC7000JMSE#WTRPBF
7000
16-Lead Plastic MSOP
−40°C to 150°C
LTC7000HMSE#WPBF
LTC7000HMSE#WTRPBF
7000
16-Lead Plastic MSOP
−40°C to 150°C
LTC7000EMSE-1#WPBF
LTC7000EMSE-1#WTRPBF 70001
16-Lead Plastic MSOP
−40°C to 125°C
LTC7000IMSE-1#WPBF
LTC7000IMSE-1#WTRPBF 70001
16-Lead Plastic MSOP
−40°C to 125°C
LTC7000JMSE-1#WPBF
LTC7000JMSE-1#WTRPBF 70001
16-Lead Plastic MSOP
−40°C to 150°C
LTC7000HMSE-1#WPBF
LTC7000HMSE-1#WTRPBF 70001
16-Lead Plastic MSOP
−40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com