Electronic Components Datasheet Search
  English  ▼

X  

LTC4380 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4380
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4380 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4380 Datasheet HTML 16Page - Analog Devices LTC4380 Datasheet HTML 17Page - Analog Devices LTC4380 Datasheet HTML 18Page - Analog Devices LTC4380 Datasheet HTML 19Page - Analog Devices LTC4380 Datasheet HTML 20Page - Analog Devices LTC4380 Datasheet HTML 21Page - Analog Devices LTC4380 Datasheet HTML 22Page - Analog Devices LTC4380 Datasheet HTML 23Page - Analog Devices LTC4380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC7000/LTC7000-1
20
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
For the values shown in Figure 12 the inrush current will be:
IIN_RUSH ≅
0.7 • 12V • 100µF
100kΩ • 0.047µF
≅ 180mA
Correspondingly, the ramp rate at the load for the circuit
in Figure 12 is approximately:
Δ VLOAD
Δ T
≅
0.7 • 12V
RG • CG
≅ 2V / ms
When CG is added to the circuit in Figure 12, the value
of the bootstrap capacitor, CB, must be increased to be
able to supply the charge to both to MOSFET gate and
capacitor CG. The relationship for CB that needs to be
maintained when CG is used is given by:
CB >
MOSFET QG
1V
+ 10 • CG
Optional Schottky Diode Usage on TS
When turning off a power MOSFET that is connected to
an inductive load (inductor, long wire or complex load),
the TS pin can be pulled below ground until the current in
the inductive load has completely discharged. The TS pin
is tolerant of voltages down to –6V, however, an optional
Schottky diode with a voltage rating at least as high as the
load voltage should be connected between TS and ground
to prevent discharging the load through the TS pin of the
LTC7000/LTC7000-1. See Figure 13.
L1
SNS+
SNS–
TGUP
TGDN
TS
7000 F13
LTC7000/
LTC7000-1
RSNS
M1A
VIN
LOAD
D2
RFLT
Figure 13. Optional Schottky Diode Usage
Reverse Current Protection
To protect the load from discharging back into VIN when
the external MOSFET is off and the VIN voltage drops
below the load voltage, two external N-channel MOSFETs
should be used and must be configured in a back-to-back
arrangement as shown in Figure  14. Dual N-channel
packages such as the Vishay/Siliconix Si7956DP are a
good choice for space saving designs.
SNS+
SNS–
TGUP
TGDN
TS
INP
7000 F14
RSNS
M1A
M1B
VIN
LOAD
LTC7000/
LTC7000-1
RFLT
Figure 14. Protecting Load from Voltage Drops on VIN
Design Example
As a design example, consider a fast power supply switch
with the following specifications: VIN = VLOAD = 8V to
135V, ILOAD = 3A, Insertion Loss < 0.5W at room temp
with maximum load, output rise time with a 1µF load
is 1V/µs (1A inrush current) and a shorted load should
immediately turn off the MOSFET.
The first item to select is the N-channel MOSFET. The
IRF7815PBF is selected because it has sufficient breakdown
voltage (BVDSS_MIN = 150V), sufficient continuous current
rating for a 3A load (ID_MAX = 4.1A) and the on-resistance
is low enough (RDS(ON)_MAX = 43mΩ) to be able to meet
the power loss specification.
Examining the MOSFET data sheet, the VGS vs RDS(ON)
typical performance curve shows a sharp increase in
RDS(ON) as the MOSFET VGS gets below 8.0V. Since the
default VCC UVLO is 7.0V, a resistor (RVCCUV) should be
placed between VCCUV and ground to increase the VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com