Electronic Components Datasheet Search
  English  ▼

X  

FN-355 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-355
Description  Ultra-compact Low Leakage current EMC/EMI Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-355 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-355 Datasheet HTML 1Page - Schaffner International Ltd FN-355 Datasheet HTML 2Page - Schaffner International Ltd FN-355 Datasheet HTML 3Page - Schaffner International Ltd FN-355 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
24 Jan 2020
Filter selection table
Filter
Rated current
Leakage current*
Power loss
Input/Output
@ 40°C (25°C)
@ 440 VAC/50 Hz
@ 25 °C/ 50Hz
connections
weight
[A]
[mA]
[W]
[kg]
FN 355-3-05
3 (3.4)
0.0
1.4
-05
0.15
FN 355-6-05
6 (6.9)
0.0
1.5
-05
0.21
FN 355-10-05
10 (11.5)
0.0
1.8
-05
0.25
FN 355-20-06
20 (23)
0.1
3.4
-06
0.29
FN 355-20-03
20 (23)
0.1
3.4
-03
0.29
FN 355-30-44
30 (34)
0.2
4.1
-44
0.44
* Standardized calculated leakage current acc. IEC60939 under normal operating conditions.
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
3 A types
6 A types
10 and 30A types



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com