Electronic Components Datasheet Search
  English  ▼

X  

FN-355 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-355
Description  Ultra-compact Low Leakage current EMC/EMI Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-355 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-355 Datasheet HTML 1Page - Schaffner International Ltd FN-355 Datasheet HTML 2Page - Schaffner International Ltd FN-355 Datasheet HTML 3Page - Schaffner International Ltd FN-355 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
3-Phase + Neutral Line Filters FN 355
Ultra-compact Low Leakage current EMC/EMI Filter
Ultra-compact four-wire filter for applications
lacking space
Exceptional low operating leakage current
Equally suitable for star and delta power
networks
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 440/250 VAC
Operating frequency
DC to 400 Hz
Rated currents
3 to 20 A @ 40°C
High potential test voltage
P/N –> E 2000 VAC for 2 sec
P –> P 1350 VDC for 2 sec
P -> N 800 VAC for 2 sec
Overload capability
4x rated current at switch on,
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 40°C/230 V (Mil-HB-217F)
850,000 hours
Approvals
Features and benefits
The FN 355 family of three-phase and neutral line
filters provides a cost-effective interference
suppression solution for a wide variety of
applications
Available in four versions, with current ratings from
3 to 20 A, the filters employ a single-stage four-wire
LC circuit with saturating resistant chokes, and have
a very low operational leakage current
FN 355 filters are contained within an extremely
compact metal housing, making them ideal for use
in situations where space is at a premium
Typical applications
Office equipment
Medical equipment
General purpose four-wire filtering
Applications with tight space conditions
Typical electrical schematic


Similar Part No. - FN-355

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
Compact EMC/RFI Filter for Motor Drives
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
General Purpose EMC Filter
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
Multi-stage EMI Filter
FN-354 SCHAFFNER-FN-354 Datasheet
353Kb / 4P
Compact Three-phase and Neutral Line Filter for High Frequency Attenuation
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
General Purpose EMC/EMI Line Filter
More results

Similar Description - FN-355

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN406-3-02 ETC2-FN406-3-02 Datasheet
354Kb / 3P
Ultra Compact EMC Filter
FN355-10-05 ETC2-FN355-10-05 Datasheet
159Kb / 3P
Ultra-compact Low Leakage current EMC/EMI Filter 3-Phase Neutral Line Filters FN 355
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
EMI/EMC Filter
logo
Schaffner International...
FN-406 SCHAFFNER-FN-406 Datasheet
1Mb / 4P
Ultra Compact EMC Filter
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN-3311 SCHAFFNER-FN-3311 Datasheet
3Mb / 4P
Compact power line AC EMC/EMI filter
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
EMI/EMC FILTER
HP4 DIT-HP4 Datasheet
954Kb / 2P
EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
EMI/EMC FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com