Electronic Components Datasheet Search
  English  ▼

X  

FN-356 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-356
Description  General Purpose EMC/EMI Line Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-356 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-356 Datasheet HTML 1Page - Schaffner International Ltd FN-356 Datasheet HTML 2Page - Schaffner International Ltd FN-356 Datasheet HTML 3Page - Schaffner International Ltd FN-356 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
05 May 2020
Filter selection table
Filter*
Buy
Rated current
Leakage current**
Power loss
Input/Output
Weight
@ 40°C (25°C)
@ 440 VAC/50 Hz
@ 25 °C/ 50Hz
connections
[A]
[mA]
[W]
[kg]
FN356-16-..
16 (18.4)
0.1
7.0
-06
-29
1.2
FN356-25-..
25 (28.8)
0.1
10.1
-24
-33
1.5
FN356-36-..
36 (41.5)
0.1
10.9
-24
-33
1.6
FN356-50-..
50 (57.7)
0.1
15.8
-24
-33
2.3
FN356-100-..
100 (115.0)
0.3
24.0
-28
-34
5.9
FN356-150-28
150 (172.5)
1.7
45.9
-28
8.1
* To compile a complete part number, please replace the -.. with the required I/O connection style.
** Standardized calculated leakage current acc. IEC60939 under normal operating conditions.
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
16 A types
25 to 50 A types
100 A types
150 A types
Mechanical data
16 to 50 A types (-06, -24)
16 to 50 A types (-29, -33)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com