Electronic Components Datasheet Search
  English  ▼

X  

FN-356 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN-356
Description  General Purpose EMC/EMI Line Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-356 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN-356 Datasheet HTML 1Page - Schaffner International Ltd FN-356 Datasheet HTML 2Page - Schaffner International Ltd FN-356 Datasheet HTML 3Page - Schaffner International Ltd FN-356 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
05 May 2020
100 and 150 A types (-28)
100 A type (-34)
Note: in favour of a better readability, connectors and earth studs are not shown in the horizontal projection.
Dimensions
16 A (-06)
16 A (-29)
25 A (-24)
25 A (-33)
36 A (-24)
36 A (-33)
50 A (-24)
50 A (-33)
100 A (-28)
100 A (-34)
150 A
A
149
189.5
140
189.5
140
189.5
143.25
192
250
250
340
B*
104
105
105
105
105
105
122
122
160
160
160
C
50
80
80
80
80
80
102
102
130
130
130
D
140
140
140
142.5
210
210
300
E
44 ±0.3
165.5
44 ±0.3
165.5
44 ±0.3
165.5
44 ±0.3
168
230
230
320
F
75 ±0.3
80
75 ±0.3
50
75 ±0.3
50
75 ±0.3
98
60
65
60
G
M5 x 7
13 x 6.5
M5 x 7
13 x 6.5
M5 x 7
13 x 6.5
M5 x 7
13 x 6.5
13 x 6.5
13 x 6.5
13 x 6.5
H
0.7
0.7
0.7
0.7
1
1
1
I
11
10.9
25.4
25
25.4
25
25.4
25
34
39
34
J
6.3 x 0.8
M6
M6
M6
M6
M6
M6
M6
M10
M10
M10
K
52
82
52.5
52.5
52.5
52.5
61
61
80
116
80
L
22.5
25
46.5
20
46.5
20
68.5
35
65
40
65
* Rivets exceed this dimension by max. 1.3mm on each side.
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Filter input/output connector cross sections
-06 (6.3 x 0.8mm)
-24 (M6)
-28 (M10)
-29
-33
-34
Solid wire
n/a
n/a
n/a
6 mm2
16 mm2
35 mm2
Flex wire
n/a
n/a
n/a
4 mm2
10 mm2
25 mm2
AWG type wire
n/a
n/a
n/a
AWG 10
AWG 6
AWG 2
Recommended torque
n/a
3.5 4.0 Nm
15-17 Nm
0.6-0.8 Nm
1.5-1.8 Nm
4.0-4.5 Nm
Please visit www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com