Electronic Components Datasheet Search
  English  ▼

X  

FN-402 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-402
Description  Low Cost PCB Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-402 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-402 Datasheet HTML 1Page - Schaffner International Ltd FN-402 Datasheet HTML 2Page - Schaffner International Ltd FN-402 Datasheet HTML 3Page - Schaffner International Ltd FN-402 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 11 Jun 2019
Filter selection table
Filter
Rated current
Leakage current*
Inductance**
Capacitance**
Resistance**
Input/Output
Weight
@ 40°C (25°C)
@ 230 VAC/50 Hz
L
Cx
Cy
R
connections
[A]
[µA]
[mH]
[nF]
[nF]
[kΩ]
[g]
FN 402-0.5-02
0.5 (0.6)
373
40
100
2.2
1000
-02
40
FN 402-1-02
1 (1.2)
373
10
100
2.2
1000
-02
40
FN 402-1.6-02
1.6 (1.9)
373
6
100
2.2
1000
-02
40
FN 402-2.5-02
2.5 (3)
373
2
100
2.2
1000
-02
40
FN 402-4-02
4 (4.7)
373
1
100
2.2
1000
-02
40
FN 402-6.5-02
6.5 (7.5)
373
1
100
2.2
1000
-02
40
FN 402 B-0.5-02
0.5 (0.6)
2
40
100
1000
-02
40
FN 402 B-1-02
1 (1.2)
2
10
100
1000
-02
40
FN 402 B-1.6-02
1.6 (1.9)
2
6
100
1000
-02
40
FN 402 B-2.5-02
2.5 (3)
2
2
100
1000
-02
40
FN 402 B-4-02
4 (4.7)
2
1
100
1000
-02
40
FN 402 B-6.5-02
6.5 (7.5)
2
1
100
1000
-02
40
** Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
Product selector
For example: FN 402-0.5-02, FN 402 B-6.5-02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com