Electronic Components Datasheet Search
  English  ▼

X  

FN-402 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-402
Description  Low Cost PCB Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-402 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-402 Datasheet HTML 1Page - Schaffner International Ltd FN-402 Datasheet HTML 2Page - Schaffner International Ltd FN-402 Datasheet HTML 3Page - Schaffner International Ltd FN-402 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
PCB Filters FN 402
Low Cost PCB Filter
Rated currents from 0.5 to 6.5 A
Compact PCB-mountable design
Very low profile
Optional medical versions (B type)
Performance indicators
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
DC to 400 Hz
Rated currents
0.5 to 6.5 A @ 40°C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec (standard types)
P –> N 760 VAC for 2 sec
P –> PE 2500 VAC for 2 sec (B types)
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
Flammability corresponding to
UL 94 V-0 or better
MTBF @ 40°C/230 V (Mil-HB-217F)
1,900,000 hours
Approvals
The FN 402 PCB filter is a single-phase filter designed
for easy and fast PCB-mounting. Choosing the FN 402
product line brings you the rapid availability of a
standard filter associated with the necessary safety
acceptance. Standard PCB single-phase filters are a
practical solution helping you to pass EMI system
approval in a short time. A selection on amperage
ratings and medical types are designed to offer you
the desired standard product.
Features and benefits
Good conducted attenuation performance, based
on chokes with high saturation resistance and
excellent thermal behavior
PCB through hole mounting
Low cost low profile
Custom specific versions on request
Typical applications
Electrical and electronic equipment
Small to medium-sized machines and household
equipment
Single-phase power supplies, switch-mode power
supplies
Test and measurement equipment
Medical equipment
Typical electrical schematic


Similar Part No. - FN-402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN-400-50 ETC2-FN-400-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
PCB-mounting filter
FN-406 SCHAFFNER-FN-406 Datasheet
1Mb / 4P
Ultra Compact EMC Filter
More results

Similar Description - FN-402

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1320ATS PHILIPS-UDA1320ATS Datasheet
102Kb / 20P
Low-cost stereo filter DAC
2000 Jan 10
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
Low-cost stereo filter DAC
2000 Apr 18
logo
KR Electronics, Inc.
2532 KR-2532 Datasheet
48Kb / 2P
Low cost video filter
logo
M/A-COM Technology Solu...
FL07-0002-G MA-COM-FL07-0002-G Datasheet
69Kb / 3P
Low Cost SMT Low Pass Filter DC - 2000 MHz
logo
List of Unclassifed Man...
FN402-1-02 ETC2-FN402-1-02 Datasheet
237Kb / 4P
Low Cost PCB Filter
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
Low-cost stereo filter DAC
2001 Feb 02
logo
Xilinx, Inc
WP484 XILINX-WP484 Datasheet
974Kb / 12P
DDR2/DDR3 Low-Cost PCB Design
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
Omron Electronics LLC
G2E OMRON-G2E Datasheet
56Kb / 4P
Miniature, Low-cost, Single-pole PCB Relay
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
AC Filter for PCB Mounting Cost Optimized
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com