Electronic Components Datasheet Search
  English  ▼

X  

FN-751X Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN-751X
Description  AC Feedthrough Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-751X Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN-751X Datasheet HTML 1Page - Schaffner International Ltd FN-751X Datasheet HTML 2Page - Schaffner International Ltd FN-751X Datasheet HTML 3Page - Schaffner International Ltd FN-751X Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group Datasheets 11 Oct 2018
Mechanical data
10 A types
16 to 200 A types
Dimensions
A
B
C
D
E
L
M
N
S
T
FN 7510-10-M3
57
10
16.85 ±0.3
13
16 ±2.0
19.85 ±0.5
Ø10.3
M3
M10x1
FN 7511-10-M3
57
10
16.85 ±0.3
13
16 ±2.0
19.85 ±0.5
Ø10.3
M3
M10x1
FN 7510-16-M4
63
12
21.95 ±0.3
17
18 ±2.0
18.85 ±0.5
10.3
Ø12.3
M4
M12x1
FN 7511-16-M4
63
12
21.95 ±0.3
17
18 ±2.0
18.85 ±0.5
10.3
Ø12.3
M4
M12x1
FN 7512-16-M4
75
12
21.95 ±0.3
17
18 ±2.0
30.85 ±0.5
10.3
Ø12.3
M4
M12x1
FN 7513-16-M4
77
14
26.95 ±0.3
22
18 ±2.0
30.85 ±0.5
14.3
Ø16.3
M4
M16x1
FN 7510-32-M4
63
12
21.95 ±0.3
17
18 ±2.0
18.85 ±0.5
10.3
Ø12.3
M4
M12x1
FN 7511-32-M4
63
12
21.95 ±0.3
17
18 ±2.0
18.85 ±0.5
10.3
Ø12.3
M4
M12x1
FN 7512-32-M4
75
12
21.95 ±0.3
17
18 ±2.0
30.85 ±0.5
10.3
Ø12.3
M4
M12x1
FN 7514-32-M4
77
14
26.95 ±0.3
22
18 ±2.0
30.85 ±0.5
14.3
Ø16.3
M4
M16x1
FN 7512-63-M6
96
14
25
22
26 ±2.0
30
14.3
Ø16.3
M6
M16x1
FN 7510-100-M8
113
16
32
27
32 ±2.0
33
18.3
Ø20.3
M8
M20x1
FN 7511-100-M8
113
16
32
27
32 ±2.0
33
18.3
Ø20.3
M8
M20x1
FN 7511-200-M10
130
19
38
27
40 ±2.0
33
22.3
Ø24.3
M10
M24x1
Tolerances
±2
±0.2
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Recommended torque
M3
M4
M6
M8
M10
M10x1
M12x1
M16x1
M20x1
M24x1
Terminal thread
0.5 Nm
1.2 Nm
2.5 Nm
5 Nm
8 Nm
Mounting thread
2 Nm
3 Nm
4 Nm
7 Nm
8 Nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com