Electronic Components Datasheet Search
  English  ▼

X  

FN-751X Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-751X
Description  AC Feedthrough Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-751X Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-751X Datasheet HTML 1Page - Schaffner International Ltd FN-751X Datasheet HTML 2Page - Schaffner International Ltd FN-751X Datasheet HTML 3Page - Schaffner International Ltd FN-751X Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET
Capacitors FN 751X
AC Feedthrough Capacitor
IEC/EN 60384-14 approval
Rated currents from 10 to 200 A
5 kV pulse test capability
Class Y2 capacitor
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz (UL)
300 VAC, 50/60 Hz (ENEC)
1000 VDC max.
Rated currents
10 to 200 A @ 60°C max.
Capacitor class
Y2
High potential test voltage
3000 VDC for 2 sec
Insulation resistance (100VDC after 60 sec)
<0.33 μF, R >1500 MΩ
>0.33 μF, τ >5000 s
Temperature range (operation and storage)
-40°C to +100°C (40/100/21)
Flammability corresponding to
UL 94 V-2 or better
MTBF @ 60°C/300 V (Mil-HB-217F)
≥200 A: >850,000 hours
<200 A: >1,600,000 hours
Operating frequency
DC to 60 Hz
Approvals
Feedthrough capacitors offer a high insertion loss
across a broad band of frequencies from a few tens of
kHz up to the GHz region. The construction of
feedthrough capacitors cause a better suppression
performance over a much wider frequency range
than a conventional two-wire capacitor of equivalent
value. Different versions are available offering a wide
selection on operating currents and performance
levels. AC feedthrough capacitors are designed and
approved for up to 300 VAC 50/60 Hz operation.
Features and benefits
Very low internal series inductance
Very high self-resonant frequency
Self-healing dielectric
High quality and reliability
Through-bulkhead mounting
Anti-twist protection
Custom-specific or dual-versions on request
Typical applications
Power line filter for 110/240 VAC power lines
Increasing system and information security
Power supplies
Switching and cellular equipment
Computer servers
UPS power supplies
Medical equipment
Shielded rooms
Typical electrical schematic


Similar Part No. - FN-751X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN-75-100 ETC2-FN-75-100 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
Schaffner International...
FN-756X SCHAFFNER-FN-756X Datasheet
420Kb / 4P
DC Feedthrough Capacitor
More results

Similar Description - FN-751X

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-049C GLENAIR-180-049C Datasheet
184Kb / 1P
Feedthrough Probe Connector
180-050C GLENAIR-180-050C Datasheet
175Kb / 1P
Feedthrough Probe Connector
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
FEEDTHROUGH SEAL
logo
List of Unclassifed Man...
CP30205NM ETC-CP30205NM Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
Schaffner International...
FN-756X SCHAFFNER-FN-756X Datasheet
420Kb / 4P
DC Feedthrough Capacitor
FN-761X SCHAFFNER-FN-761X Datasheet
321Kb / 4P
AC Feedthrough Filter
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
DC Feedthrough Filter
logo
Pepperl+Fuchs Inc.
V15-M16-V15 PF-V15-M16-V15 Datasheet
750Kb / 2P
Switch cabinet feedthrough
2023-02-20
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
BNC FEEDTHROUGH CONNECTORS
CP30217 CLIFF-CP30217 Datasheet
264Kb / 1P
TOSLINK FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com