Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53701
Description  DACx3701 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus??Compatible I2C Interface With GPI Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53701 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 28Page - Texas Instruments DAC53701 Datasheet HTML 29Page - Texas Instruments DAC53701 Datasheet HTML 30Page - Texas Instruments DAC53701 Datasheet HTML 31Page - Texas Instruments DAC53701 Datasheet HTML 32Page - Texas Instruments DAC53701 Datasheet HTML 33Page - Texas Instruments DAC53701 Datasheet HTML 34Page - Texas Instruments DAC53701 Datasheet HTML 35Page - Texas Instruments DAC53701 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
8.5.2.1 Address Byte
The address byte, as shown in the following table, is the first byte received following the start condition from the
master device. The first five bits (MSBs) of the address are factory preset to 10010. The next two bits of the
address are controlled by the SLAVE_ADDRESS field in the CONFIG2 register. Follow the procedure described
in the next section to configure the slave address. The possible slave addresses using these bits are also shown
in the next section.
Table 8-12. Address Byte
COMMENT
MSB
LSB
—
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/ W
General address
1
0
0
1
0
See Table 8-13
(slave address column)
0 or 1
Broadcast address
1
0
0
0
1
1
1
0
The DACx3701 family supports broadcast addressing, which can be used for synchronously updating or
powering down multiple DACx3701 devices. The DACx3701 family is designed to work with other members of
the family to support multichip synchronous updates. Using the broadcast address, the DACx3701 devices
respond regardless of the states of the SLAVE_ADDRESS bits. Broadcast is supported only in write mode.
8.5.2.1.1 Slave Address Configuration
This section provides the step by step procedure to configure the I2C slave addresses for up to four DACs. Use
the broadcast address for all the steps.
1. Set GPI pin to 0b for all devices.
2. Set GPI_CONFIG in the CONFIG2 register to 111b.
3. Set GPI_EN in the TRIGGER register to 1b.
4. Set the GPI pin to logic HIGH for the device that needs to be configured.
5. Write data to SLAVE_ADDRESS bit field in the CONFIG2 register. Only the device with GPI pin logic HIGH
updates the SLAVE_ADDRESS setting passed in the command. Make sure that the rest of the devices on
the same I2C bus have their respective GPI pins set to logic LOW during this process.
6. Toggle the GPI pin of the device bring programmed to logic LOW.
7. Repeat steps (1) through (6) above to program the I2C slave addresses to all the devices on the bus.
8. Set GPI_EN to 0b.
9. Change GPI_CONFIG to 000b.
10.Trigger NVM write operation.
The devices are now ready for use.
Table 8-13. Address Format
SLAVE ADDRESS
SLAVE_ADDRESS FIELD
IN CONFIG2 REGISTER
1001000
00 (default)
1001001
01
1001010
10
1001011
11
DAC53701, DAC43701
SLASEY5 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DAC53701 DAC43701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com